Zakładka z wyszukiwarką danych komponentów |
|
74HCT164DB Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74HCT164DB Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 20 page 74HC_HCT164_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 2 February 2010 6 of 20 NXP Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register VOH HIGH-level output voltage VI = VIH or VIL IO = −20 μA; VCC = 2.0 V 1.9 2.0 - 1.9 - 1.9 - V IO = −20 μA; VCC = 4.5 V 4.4 4.5 - 4.4 - 4.4 - V IO = −20 μA; VCC = 6.0 V 5.9 6.0 - 5.9 - 5.9 - V IO = −4.0 mA; VCC = 4.5 V 3.98 4.32 - 3.84 - 3.7 - V IO = −5.2 mA; VCC = 6.0 V 5.48 5.81 - 5.34 - 5.2 - V VOL LOW-level output voltage VI = VIH or VIL IO = 20 μA; VCC = 2.0 V - 0 0.1 - 0.1 - 0.1 V IO = 20 μA; VCC = 4.5 V - 0 0.1 - 0.1 - 0.1 V IO = 20 μA; VCC = 6.0 V - 0 0.1 - 0.1 - 0.1 V IO = 4.0 mA; VCC = 4.5 V - 0.15 0.26 - 0.33 - 0.4 V IO = 5.2 mA; VCC = 6.0 V - 0.16 0.26 - 0.33 - 0.4 V II input leakage current VI = VCC or GND; VCC = 6.0 V - - ±0.1 - ±1 - ±1 μA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V - - 8.0 - 80 - 160 μA CI input capacitance - 3.5 - - - - - pF 74HCT164 VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - 2.0 - 2.0 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 - 0.8 - 0.8 V VOH HIGH-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = −20 μA 4.4 4.5 - 4.4 - 4.4 - V IO = −4.0 mA 3.98 4.32 - 3.84 - 3.7 - V VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = 20 μA; VCC = 4.5 V - 0 0.1 - 0.1 - 0.1 V IO = 5.2 mA; VCC = 6.0 V - 0.15 0.26 - 0.33 - 0.4 V II input leakage current VI = VCC or GND; VCC = 6.0 V - - ±0.1 - ±1 - ±1 μA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V - - 8 - 80 - 160 μA ΔI CC additional supply current per input pin; VI = VCC − 2.1 V; IO = 0 A; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V - 100 360 - 450 - 490 μA CI input capacitance - 3.5 - - - - - pF Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max Min Max |
Podobny numer części - 74HCT164DB |
|
Podobny opis - 74HCT164DB |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |