Zakładka z wyszukiwarką danych komponentów |
|
74HCT164PW Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HCT164PW Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 20 page 74HC_HCT164_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 2 February 2010 5 of 20 NXP Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For DIP14 package: Ptot derates linearly with 12 mW/K above 70 °C. For SO14 package: Ptot derates linearly with 8 mW/K above 70 °C. For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 °C. For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 °C. 8. Recommended operating conditions 9. Static characteristics Ptot total power dissipation [2] DIP14 package - 750 mW SO14, (T)SSOP14 and DHVQFN14 packages - 500 mW Table 4. Limiting values …continued In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions 74HC164 74HCT164 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0 - VCC V VO output voltage 0 - VCC 0 - VCC V Tamb ambient temperature −40 +25 +125 −40 +25 +125 °C Δt/ΔV input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC = 6.0 V - - 83 - - - ns/V Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max Min Max 74HC164 VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - 1.5 - 1.5 - V VCC = 4.5 V 3.15 2.4 - 3.15 - 3.15 - V VCC = 6.0 V 4.2 3.2 - 4.2 - 4.2 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 - 0.5 - 0.5 V VCC = 4.5 V - 2.1 1.35 - 1.35 - 1.35 V VCC = 6.0 V - 2.8 1.8 - 1.8 - 1.8 V |
Podobny numer części - 74HCT164PW |
|
Podobny opis - 74HCT164PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |