Zakładka z wyszukiwarką danych komponentów |
|
74HCT164BQ Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74HCT164BQ Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 20 page 74HC_HCT164_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 2 February 2010 9 of 20 NXP Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register [1] tpd is the same as tPHL and tPLH. [2] tt is the same as tTHL and tTLH. [3] CPD is used to determine the dynamic power dissipation (PD in μW): PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; ∑ (C L × VCC 2 × f o) = sum of outputs. CPD power dissipation capacitance per package; VI = GND to VCC − 1.5 V [3] - 40 - - - - - pF Table 7. Dynamic characteristics GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max Min Max (1) Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load. Fig 7. Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, the output transition times and the maximum clock frequency 001aal392 CP input Qn output tPHL tPLH tTHL tTLH tW VOH VI GND VOL VM VM VX VY 1/fmax Table 8. Measurement points Type Input Output VM VM VX VY 74HC164 0.5VCC 0.5VCC 0.1VCC 0.9VCC 74HCT164 1.3 V 1.3 V 0.1VCC 0.9VCC |
Podobny numer części - 74HCT164BQ |
|
Podobny opis - 74HCT164BQ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |