Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT165 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT165
Szczegółowy opis  8-bit parallel-in/serial out shift register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT165 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT165 Datasheet HTML 1Page - NXP Semiconductors 74HCT165 Datasheet HTML 2Page - NXP Semiconductors 74HCT165 Datasheet HTML 3Page - NXP Semiconductors 74HCT165 Datasheet HTML 4Page - NXP Semiconductors 74HCT165 Datasheet HTML 5Page - NXP Semiconductors 74HCT165 Datasheet HTML 6Page - NXP Semiconductors 74HCT165 Datasheet HTML 7Page - NXP Semiconductors 74HCT165 Datasheet HTML 8Page - NXP Semiconductors 74HCT165 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74HC165; 74HCT165 are high-speed Si-gate CMOS devices that comply with
JEDEC standard no. 7A. They are pin compatible with Low-power Schottky TTL (LSTTL).
The 74HC165; 74HCT165 are 8-bit parallel-load or serial-in shift registers with
complementary serial outputs (Q7 and Q7) available from the last stage. When the
parallel load (PL) input is LOW, parallel data from the D0 to D7 inputs are loaded into the
register asynchronously.
When PL is HIGH, data enters the register serially at the DS input and shifts one place to
the right (Q0
→ Q1 → Q2, etc.) with each positive-going clock transition. This feature
allows parallel-to-serial converter expansion by tying the Q7 output to the DS input of the
succeeding stage.
The clock input is a gated-OR structure which allows one input to be used as an active
LOW clock enable (CE) input. The pin assignment for the CP and CE inputs is arbitrary
and can be reversed for layout convenience. The LOW-to-HIGH transition of input CE
should only take place while CP HIGH for predictable operation. Either the CP or the CE
should be HIGH before the LOW-to-HIGH transition of PL to prevent shifting the data
when PL is activated.
2.
Features
I Asynchronous 8-bit parallel load
I Synchronous serial input
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
3.
Applications
I Parallel-to-serial data conversion
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
Rev. 03 — 14 March 2008
Product data sheet


Podobny numer części - 74HCT165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT165 PHILIPS-74HCT165 Datasheet
73Kb / 10P
   8-bit parallel-in/serial-out shift register
December 1990
logo
Nexperia B.V. All right...
74HCT165 NEXPERIA-74HCT165 Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HCT165-Q100 NEXPERIA-74HCT165-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
74HCT165BQ NEXPERIA-74HCT165BQ Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HCT165BQ-Q100 NEXPERIA-74HCT165BQ-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
More results

Podobny opis - 74HCT165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com