Zakładka z wyszukiwarką danych komponentów |
|
74HCT165 Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
74HCT165 Arkusz danych(HTML) 10 Page - NXP Semiconductors |
10 / 22 page 74HC_HCT165_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 14 March 2008 10 of 22 NXP Semiconductors 74HC165; 74HCT165 8-bit parallel-in/serial out shift register 74HCT165 tpd propagation delay CE, CP to Q7, Q7; see Figure 7 [1] VCC = 4.5 V - 17 34 - 43 - 51 ns VCC = 5.0 V; CL =15pF - 14 - - - - - ns PL to Q7, Q7; see Figure 8 VCC = 4.5 V - 20 40 - 50 - 60 ns VCC = 5.0 V; CL =15pF - 17 - - - - - ns D7 to Q7, Q7; see Figure 9 VCC = 4.5 V - 14 28 - 35 - 42 ns VCC = 5.0 V; CL =15pF - 11 - - - - - ns tt transition time Q7, Q7 output; see Figure 7 [2] VCC = 4.5 V - 7 15 - 19 - 22 ns tW pulse width CP input; see Figure 7 VCC = 4.5 V 16 6 - 20 - 24 - ns PL input; see Figure 8 VCC = 4.5 V 20 9 - 25 - 30 - ns trec recovery time PL to CP, CE; see Figure 8 VCC = 4.5 V 20 8 - 25 - 30 - ns tsu set-up time DS to CP, CE; see Figure 10 VCC = 4.5 V 20 2 - 25 - 30 - ns CE to CP and CP to CE; see Figure 10 VCC = 4.5 V 20 7 - 25 - 30 - ns Dn to PL; see Figure 11 VCC = 4.5 V 20 10 - 25 - 30 - ns th hold time DS to CP, CE and Dn to PL; see Figure 10 VCC = 4.5 V 7 −1 - 9 - 11 - ns CE to CP and CP to CE; see Figure 10 VCC = 4.5 V 0 −7- 0 - 0 - ns fmax maximum frequency CP input; see Figure 7 VCC = 4.5 V 26 44 - 21 - 17 - MHz VCC = 5.0 V; CL = 15 pF - 48 - - - - - MHz Table 7. Dynamic characteristics …continued GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 12 Symbol Parameter Conditions 25 °C −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ Max Min Max Min Max |
Podobny numer części - 74HCT165 |
|
Podobny opis - 74HCT165 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |