Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT165N Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HCT165N
Szczegółowy opis  8-bit parallel-in/serial out shift register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT165N Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HCT165N Datasheet HTML 1Page - NXP Semiconductors 74HCT165N Datasheet HTML 2Page - NXP Semiconductors 74HCT165N Datasheet HTML 3Page - NXP Semiconductors 74HCT165N Datasheet HTML 4Page - NXP Semiconductors 74HCT165N Datasheet HTML 5Page - NXP Semiconductors 74HCT165N Datasheet HTML 6Page - NXP Semiconductors 74HCT165N Datasheet HTML 7Page - NXP Semiconductors 74HCT165N Datasheet HTML 8Page - NXP Semiconductors 74HCT165N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74HC_HCT165_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 March 2008
2 of 22
NXP Semiconductors
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number Package
Temperature range Name
Description
Version
74HC165N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT165N
74HC165D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HCT165D
74HC165DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads; body width
5.3 mm
SOT338-1
74HCT165DB
74HC165PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads; body
width 4.4 mm
SOT403-1
74HCT165PW
74HC165BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 16 terminals; body
2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT165BQ
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna985
D0
D1
D2
D3
D4
D5
D6
D7
CP CE
DS
Q7
Q7
10
15
2
7
9
6
PL
1
5
4
3
14
13
12
11
mna986
5
9
10
11
12
13
14
3
4
6
7
2
15
1
≥ 1
1
C3/
C2[LOAD]
G1[SHIFT]
3D
2D
2D
SRG8


Podobny numer części - 74HCT165N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT165N PHILIPS-74HCT165N Datasheet
73Kb / 10P
   8-bit parallel-in/serial-out shift register
December 1990
More results

Podobny opis - 74HCT165N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com