Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT238 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT238
Szczegółowy opis  3-to-8 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT238 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT238 Datasheet HTML 1Page - NXP Semiconductors 74HCT238 Datasheet HTML 2Page - NXP Semiconductors 74HCT238 Datasheet HTML 3Page - NXP Semiconductors 74HCT238 Datasheet HTML 4Page - NXP Semiconductors 74HCT238 Datasheet HTML 5Page - NXP Semiconductors 74HCT238 Datasheet HTML 6Page - NXP Semiconductors 74HCT238 Datasheet HTML 7Page - NXP Semiconductors 74HCT238 Datasheet HTML 8Page - NXP Semiconductors 74HCT238 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74HC_HCT238_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2007
5 of 18
NXP Semiconductors
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For DIP16 packages: above 70
°C the value of P
tot derates linearly at 12 mW/K.
[3]
For SO16 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN16 packages: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < V
O < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
DIP16 package
[2] -
750
mW
SO16, SSOP16, TSSOP16 and
DHVQFN16 packages
[3] -
500
mW
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC238
74HCT238
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V


Podobny numer części - 74HCT238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT238 PHILIPS-74HCT238 Datasheet
49Kb / 7P
   3-to-8 line decoder/demultiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT238 NEXPERIA-74HCT238 Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238-Q100 NEXPERIA-74HCT238-Q100 Datasheet
255Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
74HCT238BQ NEXPERIA-74HCT238BQ Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238BQ-Q100 NEXPERIA-74HCT238BQ-Q100 Datasheet
244Kb / 17P
   3-to-8 line decoder/demultiplexer
More results

Podobny opis - 74HCT238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com