Zakładka z wyszukiwarką danych komponentów |
|
74HCT193D Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
74HCT193D Arkusz danych(HTML) 10 Page - NXP Semiconductors |
10 / 29 page 74HC_HCT193_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 23 May 2007 10 of 29 NXP Semiconductors 74HC193; 74HCT193 Presettable synchronous 4-bit binary up/down counter VIL LOW-level input voltage VCC = 2.0 V - - 0.5 V VCC = 4.5 V - - 1.35 V VCC = 6.0 V - - 1.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 2.0 V 1.9 - - V IO = −20 µA; VCC = 4.5 V 4.4 - - V IO = −20 µA; VCC = 6.0 V 5.9 - - V IO = −4.0 mA; VCC = 4.5 V 3.84 - - V IO = −5.2 mA; VCC = 6.0 V 5.34 - - V VOL LOW-level output voltage VI = VIH or VIL IO =20 µA; VCC = 2.0 V - - 0.1 V IO =20 µA; VCC = 4.5 V - - 0.1 V IO =20 µA; VCC = 6.0 V - - 0.1 V IO = 4.0 mA; VCC = 4.5 V - - 0.33 V IO = 5.2 mA; VCC = 6.0 V - - 0.33 V II input leakage current VI =VCC or GND; VCC = 6.0 V - - ±1.0 µA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V --80 µA Tamb = −40 °C to +125 °C VIH HIGH-level input voltage VCC = 2.0 V 1.5 - - V VCC = 4.5 V 3.15 - - V VCC = 6.0 V 4.2 - - V VIL LOW-level input voltage VCC = 2.0 V - - 0.5 V VCC = 4.5 V - - 1.35 V VCC = 6.0 V - - 1.8 V VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 2.0 V 1.9 - - V IO = −20 µA; VCC = 4.5 V 4.4 - - V IO = −20 µA; VCC = 6.0 V 5.9 - - V IO = −4.0 mA; VCC = 4.5 V 3.7 - - V IO = −5.2 mA; VCC = 6.0 V 5.2 - - V VOL LOW-level output voltage VI = VIH or VIL IO =20 µA; VCC = 2.0 V - - 0.1 V IO =20 µA; VCC = 4.5 V - - 0.1 V IO =20 µA; VCC = 6.0 V - - 0.1 V IO = 4.0 mA; VCC = 4.5 V - - 0.4 V IO = 5.2 mA; VCC = 6.0 V - - 0.4 V II input leakage current VI =VCC or GND; VCC = 6.0 V - - ±1.0 µA ICC supply current VI =VCC or GND; IO = 0 A; VCC = 6.0 V - - 160 µA Table 6. Static characteristics type 74HC193 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Podobny numer części - 74HCT193D |
|
Podobny opis - 74HCT193D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |