Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT238D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT238D
Szczegółowy opis  3-to-8 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT238D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT238D Datasheet HTML 1Page - NXP Semiconductors 74HCT238D Datasheet HTML 2Page - NXP Semiconductors 74HCT238D Datasheet HTML 3Page - NXP Semiconductors 74HCT238D Datasheet HTML 4Page - NXP Semiconductors 74HCT238D Datasheet HTML 5Page - NXP Semiconductors 74HCT238D Datasheet HTML 6Page - NXP Semiconductors 74HCT238D Datasheet HTML 7Page - NXP Semiconductors 74HCT238D Datasheet HTML 8Page - NXP Semiconductors 74HCT238D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
74HC238 and 74HCT238 are high-speed Si-gate CMOS devices and are pin compatible
with Low-Power Schottky TTL (LSTTL).
The 74HC238/74HCT238 decoders accept three binary weighted address inputs (A0, A1,
A2) and when enabled, provide 8 mutually exclusive active HIGH outputs (Y0 to Y7). The
74HC238/74HCT238 features three enable inputs: two active LOW (E1 and E2) and one
active HIGH (E3). Every output will be LOW unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the “238” to a 1-to-32 (5
lines to 32 lines) decoder with just four “238” ICs and one inverter. The “238” can be used
as an eight output demultiplexer by using one of the active LOW enable inputs as the data
input and the remaining enable inputs as strobes. Unused enable inputs must be
permanently tied to their appropriate active HIGH or LOW state.
The 74HC238/74HCT238 is similar to the 74HC138/74HCT138 but has non-inverting
outputs.
2.
Features
I Demultiplexing capability
I Multiple input enable for easy expansion
I Ideal for memory chip select decoding
I Active HIGH mutually exclusive outputs
I Multiple package options
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
Rev. 03 — 16 July 2007
Product data sheet


Podobny numer części - 74HCT238D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT238D PHILIPS-74HCT238D Datasheet
49Kb / 7P
   3-to-8 line decoder/demultiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT238D NEXPERIA-74HCT238D Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238D-Q100 NEXPERIA-74HCT238D-Q100 Datasheet
244Kb / 17P
   3-to-8 line decoder/demultiplexer
74HCT238D-Q100 NEXPERIA-74HCT238D-Q100 Datasheet
255Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
logo
NXP Semiconductors
74HCT238DB PHILIPS-74HCT238DB Datasheet
49Kb / 7P
   3-to-8 line decoder/demultiplexer
December 1990
More results

Podobny opis - 74HCT238D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com