Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT423BQ Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT423BQ
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT423BQ Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT423BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 11Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 12Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 13Page - NXP Semiconductors 74HCT423BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74HC_HCT423_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 July 2008
10 of 23
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
For other REXT and CEXT combinations see Figure 8. If CEXT > 10 pF, the next formula is valid:
tW = K × REXT × CEXT (typ.), where:
tW = output pulse width in ns;
REXT = external resistor in kΩ;
CEXT = external capacitor in pF;
K = 0.55 for VCC = 2.0 V and 0.45 for VCC = 5.0 V; see Figure 9.
Inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
[4]
The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT. The output pulse width will only be
extended when the time between the active-going edges of the trigger input pulses meets the minimum retrigger time.
If CEXT > 10 pF, the next formula (at VCC = 5.0 V) for the set-up time of a retrigger pulse is valid:
trtrig = 30 + 0.19 × REXT × CEXT0.9 + 13 × REXT1.05 (typ.); where:
trtrig = retrigger time in ns;
CEXT = external capacitor in pF;
REXT = external resistor in kΩ.
Inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
[5]
When the device is powered-up, initiate the device via a reset pulse, when CEXT < 50 pF.
[6]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo); where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
CPD
power
dissipation
capacitance
per package; VI = GND to VCC − 1.5 V
[6]
-
56
-
----
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; test circuit see Figure 12.
Symbol Parameter
Conditions
25
°C
−40 °Cto
+85
°C
−40 °Cto
+125
°C
Unit
Min
Typ
Max
Min Max Min Max


Podobny numer części - 74HCT423BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT423BQ NXP-74HCT423BQ Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Podobny opis - 74HCT423BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com