Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4052PW Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HC4052PW
Szczegółowy opis  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052PW Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HC4052PW Datasheet HTML 3Page - NXP Semiconductors 74HC4052PW Datasheet HTML 4Page - NXP Semiconductors 74HC4052PW Datasheet HTML 5Page - NXP Semiconductors 74HC4052PW Datasheet HTML 6Page - NXP Semiconductors 74HC4052PW Datasheet HTML 7Page - NXP Semiconductors 74HC4052PW Datasheet HTML 8Page - NXP Semiconductors 74HC4052PW Datasheet HTML 9Page - NXP Semiconductors 74HC4052PW Datasheet HTML 10Page - NXP Semiconductors 74HC4052PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
7 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
10. Static characteristics
Table 6.
RON resistance per switch for 74HC4052 and 74HCT4052
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
For 74HC4052: VCC GND or VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4052: VCC GND = 4.5 V and 5.5 V, VCC VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
RON(peak) ON resistance (peak)
Vis = VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
[2] -
-
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
100
225
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
90
200
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
70
165
Ω
RON(rail)
ON resistance (rail)
Vis = VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
[2] -
150
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
80
175
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
70
150
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
60
130
Ω
Vis = VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
-
150
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
90
200
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
80
175
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
65
150
Ω
ΔR
ON
ON resistance mismatch
between channels
Vis = VCC to VEE
VCC = 2.0 V; VEE = 0 V
[2] -
-
-
Ω
VCC = 4.5 V; VEE = 0 V
-
9
-
Ω
VCC = 6.0 V; VEE = 0 V
-
8
-
Ω
VCC = 4.5 V; VEE = −4.5 V
-
6
-
Ω
Tamb = −40 °C to +125 °C
RON(peak) ON resistance (peak)
Vis = VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 μA
[2] -
-
-
Ω
VCC = 4.5 V; VEE = 0 V; ISW = 1000 μA
-
-
270
Ω
VCC = 6.0 V; VEE = 0 V; ISW = 1000 μA
-
-
240
Ω
VCC = 4.5 V; VEE = −4.5 V; ISW = 1000 μA
-
-
195
Ω


Podobny numer części - 74HC4052PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4052PW PHILIPS-74HC4052PW Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
74HC4052PW NXP-74HC4052PW Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Nexperia B.V. All right...
74HC4052PW NEXPERIA-74HC4052PW Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052PW-Q100 NEXPERIA-74HC4052PW-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052PW-Q100 NEXPERIA-74HC4052PW-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Podobny opis - 74HC4052PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com