Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC2GU04 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HC2GU04
Szczegółowy opis  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 9Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 10Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 11Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 12Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 13Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74HC2GU04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
10 of 15
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
Test data is given in Table 11 and Table 12.
C1 = 47 pF.
C2 = 22 pF.
R1 = 1 M
Ω to 10 MΩ.
R2 optimum value depends on the frequency and required stability against changes in VCC or average minimum ICC
(ICC = 2 mA at VCC = 3.0 V and f = 1 MHz).
Fig 13. Crystal oscillator application
mna053
U04
out
R2
R1
C1
C2
Table 11.
External components for resonator (f < 1 MHz)
Frequency
R1
R2
C1
C2
10 kHz to 15.9 kHz
2.2 M
220 k
56 pF
20 pF
16 kHz to 24.9 kHz
2.2 M
220 k
56 pF
10 pF
25 kHz to 54.9 kHz
2.2 M
100 k
56 pF
10 pF
55 kHz to 129.9 kHz
2.2 M
100 k
47 pF
5 pF
130 kHz to 199.9 kHz
2.2 M
47 k
47 pF
5 pF
200 kHz to 349.9 kHz
2.2 M
47 k
47 pF
5 pF
350 kHz to 600 kHz
2.2 M
47 k
47 pF
5 pF
Table 12.
Optimum value for R2
Frequency
R2
Optimum
3 kHz
2.0 k
for minimum required ICC
8.0 k
for minimum influence due to change in VCC
6 kHz
1.0 k
or minimum required ICC
4.7 k
or minimum influence by VCC
10 kHz
0.5 k
or minimum required ICC
2.0 k
or minimum influence by VCC
14 kHz
0.5 k
or minimum required ICC
2.0 k
or minimum influence by VCC
> 14 kHz
replace R2 by C3 = 35 pF (typical)


Podobny numer części - 74HC2GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
More results

Podobny opis - 74HC2GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com