Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC3GU04DP Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HC3GU04DP
Szczegółowy opis  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3GU04DP Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 9Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 10Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 11Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 12Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74HC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2010
9 of 16
NXP Semiconductors
74HC3GU04
Inverter
Remark: All values given are typical values unless otherwise specified.
ZL > 10 kΩ.
R1
≥ 3 kΩ.
R2
≤ 1 MΩ.
Open loop amplification: AOL = 20 (typical).
Voltage amplification:
.
Vo(p-p) = VCC − 1.5 V centered at 0.5 × VCC.
Unity gain bandwidth product is 5 MHz (typical).
Input capacitance see Figure 13.
Fig 12. Linear amplifier application
(1) VCC = 2.0 V.
(2) VCC = 4.5 V.
(3) VCC = 6.0 V.
Fig 13. Typical input capacitance as a function of the input voltage
U04
R1
R2
VCC
ZL
mna052
1
μF
A
V
A
OL
1
R1
R2
------- 1A
OL
+
()
+
-----------------------------------------
=
08
46
2
VI (V)
80
40
20
60
0
mna054
(1)
(2)
(3)
input
capacitance
(pF)


Podobny numer części - 74HC3GU04DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC3GU04DP NEXPERIA-74HC3GU04DP Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04DP-Q100 NEXPERIA-74HC3GU04DP-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
More results

Podobny opis - 74HC3GU04DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com