Zakładka z wyszukiwarką danych komponentów |
|
TPIC6C596DR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
TPIC6C596DR Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 17 page TPIC6C596 POWER LOGIC 8BIT SHIFT REGISTER SLIS093C − MARCH 2000 − REVISED APRIL 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 0.1 A IF 0 IRM 25% of IRM ta trr di/dt = 10 A/ µs + − 2500 µF 250 V L = 0.85 mH IF (see Note A) RG VGG (see Note B) Driver TP A 50 Ω Circuit Under Test DRAIN 15 V t1 t3 t2 TP K TEST CIRCUIT CURRENT WAVEFORM NOTES: A. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the TP A test point. B. The VGG amplitude and RG are adjusted for di/dt = 10 A/µs. A VGG double-pulse train is used to set IF = 0.1 A, where t1 = 10 µs, t2 = 7 µs, and t3 = 3 µs. Figure 3. Reverse-Recovery-Current Test Circuit and Waveforms of Source-to-Drain Diode 15 V 30 Ω 1.5 H SINGLE-PULSE AVALANCHE ENERGY TEST CIRCUIT tw tav IAS = 200 mA V(BR)DSX = 33 V VOLTAGE AND CURRENT WAVEFORMS Input ID VDS See Note B VCC DRAIN CLR SER IN G SRCK RCK Word Generator (see Note A) DUT GND 5 V VDS ID 1 7 15 2 10 8 16 3− 6, 11 −14 5 V 0 V MIN NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω. B. Input pulse duration, tw, is increased until peak current IAS = 200 mA. Energy test level is defined as EAS = IAS × V(BR)DSX × tav/2 = 30 mJ. Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms |
Podobny numer części - TPIC6C596DR |
|
Podobny opis - TPIC6C596DR |