Zakładka z wyszukiwarką danych komponentów |
|
TL4051AIDCKRG4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
TL4051AIDCKRG4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 25 page www.ti.com TL4051 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS487 – JUNE 2007 ORDERING INFORMATION(1) ORDERABLE TOP-SIDE TA DEVICE GRADE VZ PACKAGE(2) PART NUMBER MARKING(3) Reel of 3000 TL4051AQDBZR SOT-23-3 – DBZ TN5_ Reel of 250 TL4051AQDBZT A grade: ADJ Reel of 3000 TL4051AQDCKR 0.1% initial SC-70 – DCK 9A_ accuracy Reel of 250 TL4051AQDCKT and Reel of 3000 TL4051A12QDBZR 50 ppm/ °C SOT-23-3 – DBZ TNV_ temperature Reel of 250 TL4051A12QDBZT 1.2 V coefficient Reel of 3000 TL4051A12QDCKR SC-70 – DCK 9G_ Reel of 250 TL4051A12QDCKT Reel of 3000 TL4051BQDBZR SOT-23-3 – DBZ TN6_ Reel of 250 TL4051BQDBZT B grade: ADJ Reel of 3000 TL4051BQDCKR 0.2% initial SC-70 – DCK 9B_ accuracy Reel of 250 TL4051BQDCKT –40 °C to 125°C and Reel of 3000 TL4051B12QDBZR 50 ppm/ °C SOT-23-3 – DBZ TNW_ temperature Reel of 250 TL4051B12QDBZT 1.2 V coefficient Reel of 3000 TL4051B12QDCKR SC-70 – DCK 9H_ Reel of 250 TL4051B12QDCKT Reel of 3000 TL4051CQDBZR SOT-23-3 – DBZ TN7_ Reel of 250 TL4051CQDBZT C grade: ADJ Reel of 3000 TL4051CQDCKR 0.5% initial SC-70 – DCK 9C_ accuracy Reel of 250 TL4051CQDCKT and Reel of 3000 TL4051C12QDBZR 50 ppm/ °C SOT-23-3 – DBZ TNY_ temperature Reel of 250 TL4051C12QDBZT 1.2 V coefficient Reel of 3000 TL4051C12QDCKR SC-70 – DCK 9J_ Reel of 250 TL4051C12QDCKT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (3) The actual top-side marking has one additional character that designates the assembly/test site. 3 Submit Documentation Feedback |
Podobny numer części - TL4051AIDCKRG4 |
|
Podobny opis - TL4051AIDCKRG4 |