Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2G38 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LVC2G38
Szczegółowy opis  Dual 2-input NAND gate; open drain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G38 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G38 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC2G38_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 20 March 2009
8 of 16
NXP Semiconductors
74LVC2G38
Dual 2-input NAND gate; open drain
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
VM
1.65 V to 1.95 V
0.5
× V
CC
VOL + 0.15 V
0.5
× V
CC
2.3 V to 2.7 V
0.5
× V
CC
VOL + 0.15 V
0.5
× V
CC
2.7 V
1.5 V
VOL + 0.3 V
1.5 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
VOL + 0.3 V
0.5
× V
CC
Test data is given in Table 10
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLZ, tPZL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
2
× V
CC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
2
× V
CC


Podobny numer części - 74LVC2G38

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
Diodes Incorporated
74LVC2G38 DIODES-74LVC2G38 Datasheet
467Kb / 11P
   DUAL 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74LVC2G38DC PHILIPS-74LVC2G38DC Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
Nexperia B.V. All right...
74LVC2G38DC NEXPERIA-74LVC2G38DC Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
More results

Podobny opis - 74LVC2G38

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
Texas Instruments
SN74LVC2G38 TI-SN74LVC2G38 Datasheet
255Kb / 11P
[Old version datasheet]   DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com