Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH16244B Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LVTH16244B
Szczegółowy opis  3.3 V 16-bit buffer/driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16244B Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LVTH16244B Datasheet HTML 5Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 6Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 7Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 8Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 9Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 10Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 11Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 12Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74LVT_LVTH16244B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 22 March 2010
9 of 18
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
11. Waveforms
Measurements points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nAn) to output (nYn)
mna171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Measurements points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
3-state output enable and disable times
001aae464
tPZL
nYn output
nYn output
nOE input
VOL
VOH
3.0 V
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VX
VY
VM
VM
Table 8.
Measurement points
Input
Output
VM
VM
VX
VY
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V


Podobny numer części - 74LVTH16244B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH16244B PHILIPS-74LVTH16244B Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVTH16244BBQ NXP-74LVTH16244BBQ Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTH16244BDGG PHILIPS-74LVTH16244BDGG Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
More results

Podobny opis - 74LVTH16244B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com