Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1006S070H Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części ADC1006S070H
Szczegółowy opis  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1006S070H Arkusz danych(HTML) 5 Page - NXP Semiconductors

  ADC1006S070H Datasheet HTML 1Page - NXP Semiconductors ADC1006S070H Datasheet HTML 2Page - NXP Semiconductors ADC1006S070H Datasheet HTML 3Page - NXP Semiconductors ADC1006S070H Datasheet HTML 4Page - NXP Semiconductors ADC1006S070H Datasheet HTML 5Page - NXP Semiconductors ADC1006S070H Datasheet HTML 6Page - NXP Semiconductors ADC1006S070H Datasheet HTML 7Page - NXP Semiconductors ADC1006S070H Datasheet HTML 8Page - NXP Semiconductors ADC1006S070H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADC1006S055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
5 of 31
NXP Semiconductors
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
8.
Limiting values
OTC
18
control input two’s complement output; active HIGH
CE
19
chip enable input (CMOS level; active LOW)
IR
20
in-range output
D9
21
data output; bit 9 (Most Significant Bit (MSB))
D8
22
data output; bit 8
D7
23
data output; bit 7
D6
24
data output; bit 6
D5
25
data output; bit 5
D4
26
data output; bit 4
D3
27
data output; bit 3
D2
28
data output; bit 2
D1
29
data output; bit 1
D0
30
data output; bit 0 (Least Significant Bit (LSB))
n.c.
31
not connected
n.c.
32
not connected
VCCO
33
output supply voltage (3.3 V)
OGND
34
output ground
CLKN
35
complementary clock input
CLK
36
clock input
VCCD1
37
digital supply voltage 1 (5 V)
DGND1
38
digital ground 1
SH
39
sample-and-hold enable input (CMOS level; active HIGH)
AGND4
40
analog ground 4
VCCA4
41
analog supply voltage 4 (5 V)
IN
42
analog input voltage
INN
43
complementary analog input voltage
AGND1
44
analog ground 1
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
−0.3
+7.0
V
VCCD
digital supply voltage
[1]
−0.3
+7.0
V
VCCO
output supply voltage
[1]
−0.3
+7.0
V
∆VCC
supply voltage difference
VCCA − VCCD
−1.0
+1.0
V
VCCD − VCCO
−1.0
+4.0
V
VCCA − VCCO
−1.0
+4.0
V
Vi(IN)
input voltage on pin IN
referenced to
AGND
0.3
VCCA
V
Vi(INN)
input voltage on pin INN
0.3
VCCA
V


Podobny numer części - ADC1006S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1006S070H IDT-ADC1006S070H Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
More results

Podobny opis - ADC1006S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com