Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1006S070H Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części ADC1006S070H
Szczegółowy opis  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1006S070H Arkusz danych(HTML) 1 Page - NXP Semiconductors

  ADC1006S070H Datasheet HTML 1Page - NXP Semiconductors ADC1006S070H Datasheet HTML 2Page - NXP Semiconductors ADC1006S070H Datasheet HTML 3Page - NXP Semiconductors ADC1006S070H Datasheet HTML 4Page - NXP Semiconductors ADC1006S070H Datasheet HTML 5Page - NXP Semiconductors ADC1006S070H Datasheet HTML 6Page - NXP Semiconductors ADC1006S070H Datasheet HTML 7Page - NXP Semiconductors ADC1006S070H Datasheet HTML 8Page - NXP Semiconductors ADC1006S070H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.
General description
The ADC1006S055/070 are a family of Bipolar CMOS (BiCMOS) 10-bit Analog-to-Digital
Converters (ADC) optimized for a wide range of applications such as cellular
infrastructures, professional telecommunications, imaging, and digital radio. It converts
the analog input signal into 10-bit binary coded digital words at a maximum sampling rate
of 70 MHz. All static digital inputs (SH, CE and OTC) are Transistor-Transistor Logic (TTL)
and CMOS compatible and all outputs are CMOS compatible. A sine wave clock input
signal can also be used.
2.
Features
I 10-bit resolution
I Sampling rate up to 70 MHz
I −3 dB bandwidth of 245 MHz
I 5 V power supplies and 3.3 V output power supply
I Binary or two’s complement CMOS outputs
I In-range CMOS compatible output
I TTL and CMOS compatible static digital inputs
I TTL and CMOS compatible digital outputs
I Differential AC or Positive Emitter-Coupled Logic (PECL) clock input; TTL compatible
I Power dissipation 550 mW (typical)
I Low analog input capacitance (typical 2 pF), no buffer amplifier required
I Integrated sample-and-hold amplifier
I Differential analog input
I External amplitude range control
I Voltage controlled regulator included
I −40 °C to +85 °C ambient temperature
3.
Applications
High-speed analog-to-digital conversion for:
I Cellular infrastructure
I Professional telecommunication
I Digital radio
I Radar
I Medical imaging
I Fixed network
I Cable modem
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02 — 12 August 2008
Product data sheet


Podobny numer części - ADC1006S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1006S070H IDT-ADC1006S070H Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
More results

Podobny opis - ADC1006S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com