Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1206S040 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części ADC1206S040
Szczegółowy opis  Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1206S040 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button ADC1206S040 Datasheet HTML 2Page - NXP Semiconductors ADC1206S040 Datasheet HTML 3Page - NXP Semiconductors ADC1206S040 Datasheet HTML 4Page - NXP Semiconductors ADC1206S040 Datasheet HTML 5Page - NXP Semiconductors ADC1206S040 Datasheet HTML 6Page - NXP Semiconductors ADC1206S040 Datasheet HTML 7Page - NXP Semiconductors ADC1206S040 Datasheet HTML 8Page - NXP Semiconductors ADC1206S040 Datasheet HTML 9Page - NXP Semiconductors ADC1206S040 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADC1206S040_055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
6 of 32
NXP Semiconductors
ADC1206S040/055/070
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 V and +7.0 V provided that
the supply voltage differences
∆VCC are respected.
9.
Thermal characteristics
10. Characteristics
Vi(IN)
input voltage on pin IN
referenced to AGND
0.3
VCCA
V
Vi(INN)
input voltage on pin INN
0.3
VCCA
V
Vi(clk)(p-p)
peak-to-peak clock input
voltage
differential clock drive
at pins 35 and 36
-VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
75
K/W
Table 6.
Characteristics
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; Vref =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test
[1]
Min
Typ
Max
Unit
Supplies
VCCA
analog supply
voltage
4.75
5.0
5.25
V
VCCD
digital supply
voltage
4.75
5.0
5.25
V
VCCO
output supply
voltage
3.0
3.3
3.6
V
ICCA
analog supply
current
I
-
78
87
mA
ICCD
digital supply
current
I
-
27
30
mA
ICCO
output supply
current
fclk = 20 MHz; fi = 400 kHz
I
-
3
4
mA
fclk = 40 MHz; fi = 4.43 MHz C
-
6.2
9
mA
fclk = 55 MHz; fi = 20 MHz
I
-
9.5
12
mA
Ptot
total power
dissipation
fclk = 55 MHz fi = 20 MHz
-
550
660
mW


Podobny numer części - ADC1206S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1206S040 IDT-ADC1206S040 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1206S040H RENESAS-ADC1206S040H Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results

Podobny opis - ADC1206S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com