Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1206S040H Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części ADC1206S040H
Szczegółowy opis  Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1206S040H Arkusz danych(HTML) 3 Page - NXP Semiconductors

  ADC1206S040H Datasheet HTML 1Page - NXP Semiconductors ADC1206S040H Datasheet HTML 2Page - NXP Semiconductors ADC1206S040H Datasheet HTML 3Page - NXP Semiconductors ADC1206S040H Datasheet HTML 4Page - NXP Semiconductors ADC1206S040H Datasheet HTML 5Page - NXP Semiconductors ADC1206S040H Datasheet HTML 6Page - NXP Semiconductors ADC1206S040H Datasheet HTML 7Page - NXP Semiconductors ADC1206S040H Datasheet HTML 8Page - NXP Semiconductors ADC1206S040H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADC1206S040_055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
3 of 32
NXP Semiconductors
ADC1206S040/055/070
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
6.
Block diagram
Fig 1.
Block diagram.
4
18
OTC
23
20
VCCA1
27
26
25
24
28
D4
D5
D6
D7
D8
29
30
21
D3
D2
31
D1
32
D0
D11
OVERFLOW/UNDERFLOW
LATCH
CMOS
OUTPUTS
LATCHES
CLOCK DRIVER
014aaa385
36
CLK
VCCA3
19
CE
ADC1206S040/055/070
33
VCCO
44
AGND1
AGND3
OGND
34
17
DGND2
data outputs
LSB
MSB
IR
40
AGND4
38
DGND1
23
22
D9
D10
15
VCCD2
37
VCCD1
41
VCCA4
35
CLKN
ANALOG - TO -
DIGITAL
CONVERTER
CMOS OUTPUT
Vref
REFERENCE
CMADC
REFERENCE
n.c.
FSREF
Vref
INN
IN
SH
CMADC
DEC
6 to 10,13,14,16
AMP
sample -
and - hold
43
11
12
42
39
1
5


Podobny numer części - ADC1206S040H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1206S040H RENESAS-ADC1206S040H Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results

Podobny opis - ADC1206S040H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com