Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1206S070H Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części ADC1206S070H
Szczegółowy opis  Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1206S070H Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button ADC1206S070H Datasheet HTML 6Page - NXP Semiconductors ADC1206S070H Datasheet HTML 7Page - NXP Semiconductors ADC1206S070H Datasheet HTML 8Page - NXP Semiconductors ADC1206S070H Datasheet HTML 9Page - NXP Semiconductors ADC1206S070H Datasheet HTML 10Page - NXP Semiconductors ADC1206S070H Datasheet HTML 11Page - NXP Semiconductors ADC1206S070H Datasheet HTML 12Page - NXP Semiconductors ADC1206S070H Datasheet HTML 13Page - NXP Semiconductors ADC1206S070H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADC1206S040_055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
10 of 32
NXP Semiconductors
ADC1206S040/055/070
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Total harmonic distortion[5]
THD
total harmonic
distortion
ADC1206S040H; (fclk = 40 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−68
-
dBFS
fi =15MHz
C
-
−68
-
dBFS
fi =20MHz
C
-
−68
-
dBFS
ADC1206S055H; (fclk = 55 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−68
-
dBFS
fi =15MHz
C
-
−68
-
dBFS
fi =20MHz
I
-
−68
-
dBFS
ADC1206S070H; (fclk = 70 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−67
-
dBFS
fi =15MHz
C
-
−67
-
dBFS
Thermal noise (fclk = 55 MHz)
Nth(RMS)
RMS thermal
noise
shorted input; SH = HIGH;
fclk =55MHz
C
-
0.45
-
LSB
Signal-to-noise ratio[6]
S/N
signal-to-noise
ratio
ADC1206S040H; (fclk = 40 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
64
-
dBFS
fi = 20 MHz
C
-
64
-
dBFS
ADC1206S055H; (fclk = 55 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
64
-
dBFS
fi = 20 MHz
I
-
64
-
dBFS
ADC1206S070H; (fclk = 70 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
63
-
dBFS
Table 6.
Characteristics …continued
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; Vref =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test
[1]
Min
Typ
Max
Unit


Podobny numer części - ADC1206S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1206S070H RENESAS-ADC1206S070H Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results

Podobny opis - ADC1206S070H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com