Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320C6722BRFPA250 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TMP320C6722BRFPA250
Szczegółowy opis  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6722BRFPA250 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TMP320C6722BRFPA250 Datasheet HTML 6Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 7Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 8Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 9Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 10Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 11Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 12Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 13Page - Texas Instruments TMP320C6722BRFPA250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
2.4 Internal Program/Data ROM and RAM
ROM Page 1
Base Address
0x0004 0000
ROM Page 0
Base Address
0x0000 0000
Bank
0
Bank
1
Bank
2
Bank
3
RAM Page 0
Base Address
0x1000 0000
Bank
0
Bank
1
Bank
2
Bank
3
Bank
4
Bank
5
Bank
6
Bank
7
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The organization of program/data ROM and RAM on C672x is simple and efficient. ROM is organized as
two 256-bit-wide pages with four 64-bit-wide banks. RAM is organized as a single 256-bit-wide page with
eight 32-bit-wide banks.
The internal memory organization is illustrated in Figure 2-2 (ROM) and Figure 2-3 (RAM).
Figure 2-2. Program/Data ROM Organization
Figure 2-3. Program/Data RAM Organization
The C672x memory controller supports up to three parallel accesses to the internal RAM and ROM from
three of the following four sources as long as there are no bank conflicts:
• Two 64-bit data accesses from the C67x+ CPU
• One 256-bit-wide program fetch from the program cache
• One 32-bit data access from the peripheral system (either dMAX or UHPI)
A program cache miss is 256 bits wide and conflicts only with data accesses to the same page. Multiple
data accesses to different pages, or to the same page but different banks will occur without conflict.
The organization of the C672x internal memory system into multiple pages (3 total) and a large number of
banks (16 total) means that it is straightforward to optimize DSP code to avoid data conflicts. Several
factors, including the large program cache and the partitioning of the memory system into multiple pages,
minimize the number of program versus data conflicts.
The result is an efficient memory system which allows easy tuning towards the maximum possible CPU
performance.
The C672x ROM consists of a software bootloader plus additional software. Please refer to the
C9230C100 TMS320C672x Floating-Point Digital Signal Processors ROM Data Manual (literature number
SPRS277) for more details on the ROM contents.
Device Overview
10
Submit Documentation Feedback


Podobny numer części - TMP320C6722BRFPA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - TMP320C6722BRFPA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com