Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320C6720RFPA250 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TMP320C6720RFPA250
Szczegółowy opis  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFPA250 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TMP320C6720RFPA250 Datasheet HTML 7Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 8Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 9Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 10Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 11Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 12Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 13Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 14Page - Texas Instruments TMP320C6720RFPA250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
2.5 Program Cache
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
The C672x DSP executes code directly from a large on-chip 32K-byte program cache. The program cache
has these key features:
• Wide 256-bit path to internal ROM/RAM
• Single-cycle access on cache hits
• 2-cycle miss penalty to internal ROM/RAM
• Caches external memory as well as ROM/RAM
• Direct-mapped
• Modes: Enable, Freeze, Bypass
• Software invalidate to support code overlay
The program cache line size is 256 bits wide and is matched with a 256-bit-wide path between cache and
internal memory. This allows the program cache to fill an entire line (corresponding to eight C67x+ CPU
instructions) with only a single miss penalty of 2 cycles.
The program cache control registers are listed in Table 2-4.
Table 2-4. Program Cache Control Registers
REGISTER NAME
BYTE ADDRESS
DESCRIPTION
L1PISAR
0x2000 0000
L1P Invalidate Start Address
L1PICR
0x2000 0004
L1P Invalidate Control Register
CAUTION
Any application which modifies the contents of program RAM (for example, a program
overlay) must invalidate the addresses from program cache to maintain coherency by
explicitly writing to the L1PISAR and L1PICR registers.
The Cache Mode (Enable, Freeze, Bypass) is configured through a CPU internal register (CSR, bits 7:5).
These options are listed in Table 2-5. Typically, only the Cache Enable Mode is used. But advanced users
may utilize Freeze and Bypass modes to tune performance.
Table 2-5. Cache Modes Set Through PCC Field of CSR CPU Register on C672x
CPU CSR[7:5]
CACHE MODE
000b
Enable (Deprecated - Means direct mapped RAM on some C6000 devices)
010b
Enable - Cache is enabled, cache misses cause a line fill.
011b
Freeze - Cache is enabled, but contents are unchanged by misses.
100b
Bypass - Forces cache misses, cache contents frozen.
Other Values
Reserved - Not Supported
CAUTION
Although the reset value of CSR[7:5] (PCC field) is 000b, the value may be modified
during the boot process by the ROM code. Refer to the appropriate ROM data sheet
for more details. However, note that the cache may be disabled when control is
actually passed to application code. Therefore, it may be necessary to write '010b' to
the PCC field to explicitly enable the cache at the start of application code.
CAUTION
Changing the cache mode through CSR[7:5] does not invalidate any lines already in
the cache. To invalidate the cache after modifications are made to program space, the
control registers L1PISAR and L1PICR must be used.
Submit Documentation Feedback
Device Overview
11


Podobny numer części - TMP320C6720RFPA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP320C6701GFN100 TI-TMP320C6701GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GFNA100 TI-TMP320C6701GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGP100 TI-TMP320C6701GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GGPA100 TI-TMP320C6701GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6701GHK100 TI-TMP320C6701GHK100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - TMP320C6720RFPA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com