Zakładka z wyszukiwarką danych komponentów |
|
BC846BPN Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
BC846BPN Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 15 page BC846BPN_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 17 July 2009 5 of 15 NXP Semiconductors BC846BPN 65 V, 100 mA NPN/PNP general-purpose transistor 7. Characteristics Table 8. Characteristics Tamb =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit TR1 (NPN) ICBO collector-base cut-off current VCB =50V; IE = 0 A --15 nA VCB =30V; IE =0A; Tj = 150 °C --5 µA IEBO emitter-base cut-off current VEB =6V; IC = 0 A - - 100 nA hFE DC current gain VCE =5V IC =10 µA - 280 - IC = 2 mA 200 300 450 VCEsat collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA - 55 100 mV IC = 100 mA; IB = 5 mA - 200 300 mV VBEsat base-emitter saturation voltage IC = 10 mA; IB = 0.5 mA - 755 850 mV IC = 100 mA; IB = 5 mA - 1000 - mV VBE base-emitter voltage VCE =5V IC = 2 mA 580 650 700 mV IC = 10 mA - - 770 mV Cc collector capacitance VCB =10V; IE =ie =0A; f=1MHz - 1.9 - pF Ce emitter capacitance VEB = 0.5 V; IC =ic =0A; f=1MHz -11 - pF fT transition frequency VCE =5V; IC =10mA; f = 100 MHz 100 - - MHz NF noise figure VCE =5V; IC = 0.2 mA; RS =2kΩ; f = 10 Hz to 15.7 kHz - 1.9 - dB VCE =5V; IC = 0.2 mA; RS =2kΩ; f = 1 kHz; B = 200 Hz - 3.1 - dB TR2 (PNP) ICBO collector-base cut-off current VCB = −50 V; IE =0A - - −15 nA VCB = −30 V; IE =0A; Tj = 150 °C -- −5 µA IEBO emitter-base cut-off current VEB = −6 V; IC =0A - - −100 nA hFE DC current gain VCE = −5V IC = −10 µA - 270 - IC = −2 mA 200 290 450 VCEsat collector-emitter saturation voltage IC = −10 mA; IB = −0.5 mA - −55 −100 mV IC = −100 mA; IB = −5mA - −200 −300 mV |
Podobny numer części - BC846BPN |
|
Podobny opis - BC846BPN |