Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4226-BQ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS4226-BQ
Szczegółowy opis  Surround Sound Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4226-BQ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS4226-BQ Datasheet HTML 3Page - Cirrus Logic CS4226-BQ Datasheet HTML 4Page - Cirrus Logic CS4226-BQ Datasheet HTML 5Page - Cirrus Logic CS4226-BQ Datasheet HTML 6Page - Cirrus Logic CS4226-BQ Datasheet HTML 7Page - Cirrus Logic CS4226-BQ Datasheet HTML 8Page - Cirrus Logic CS4226-BQ Datasheet HTML 9Page - Cirrus Logic CS4226-BQ Datasheet HTML 10Page - Cirrus Logic CS4226-BQ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CS4226
DS188F4
7
SWITCHING CHARACTERISTICS (Outputs loaded with 30 pF)
Notes: 11. After powering up the CS4226, PDN should be held low until the power supply is settled.
Parameter
Symbol
Min
Typ
Max
Units
Audio ADC's & DAC's Sample Rate
Fs
4
-
50
kHz
XTI Frequency
(XTI = 256, 384, or 512 Fs)
1.024
-
26
MHz
XTI Pulse Width High
XTI = 512 Fs
XTI = 384 Fs
XTI = 256 Fs
10
21
31
-
-
-
-
-
-
ns
ns
ns
XTI Pulse Width Low
XTI = 512 Fs
XTI = 384 Fs
XTI = 256 Fs
10
21
31
-
-
-
-
-
-
ns
ns
ns
PLL Clock Recovery Frequency
RX, XTI, LRCK, LRCKAUX
30
-
50
kHz
XTI Jitter Tolerance
-
500
-
ps
PDN Low Time
(Note 11)
500
-
-
ns
SCLK Falling Edge to SDOUT Output Valid
(DSCK = 0)
tdpd
--
ns
LRCK edge to MSB valid
tlrpd
-
-
40
ns
SDIN Setup Time Before SCLK Rising Edge
(DSCK=0)
tds
-
-
25
ns
SDIN Hold Time After SCLK Rising Edge
(DSCK=0)
tdh
-
-
25
ns
Master Mode
SCLK Period
tsck
--
ns
SCLK Falling to LRCK Edge
(DSCK=0)
tmslr
-±10
-
ns
SCLK Duty Cycle
-
50
-
%
Slave Mode
SCLK Period
tsckw
--
ns
SCLK High Time
tsckh
40
-
-
ns
SCLK Low Time
tsckl
40
-
-
ns
SCLK Rising to LRCK Edge
(DSCK=0)
tlrckd
20
-
-
ns
LRCK Edge to SCLK Rising
(DSCK=0)
tlrcks
40
-
-
ns
1
384
()Fs
--------------------20
+
1
256
()Fs
--------------------
1
128
()Fs
--------------------
t mslr
SCLK*
SCLKAUX*
(output)
LRCK
LRCKAUX
(output)
SDOUT1
SDOUT2
t sck
Audio Ports Master Mode Timing
sckh
sckl
sckw
t
t
t
MSB
MSB-1
*SCLK, SCLKAUX shown for DSCK = 0 and ASCK = 0.
SCLK & SCLKAUX inverted for DSCK = 1 and ASCK = 1, respectively.
tdpd
SDOUT1
SDOUT2
LRCKAUX
(input)
LRCK
SCLK*
SCLKAUX*
(input)
SDIN1
SDIN2
DATAUX
dh
t
ds
t
lrpd
t
lrcks
t
lrckd
t
SDIN3
Audio Ports Slave Mode and Data I/O timing


Podobny numer części - CS4226-BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4226-BQ CIRRUS-CS4226-BQ Datasheet
1Mb / 60P
   Surround Sound Codec
More results

Podobny opis - CS4226-BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
   4-Channel Surround Sound Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
   MATRIX SURROUND-SOUND PROCESSOR
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
   DIGTAL SOUND CONTROLLER WIHT SURROUND
logo
STMicroelectronics
TDA7346 STMICROELECTRONICS-TDA7346 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED SURROUND SOUND MATRIX
February 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com