Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4270-DZZR Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS4270-DZZR
Szczegółowy opis  24-Bit, 192 kHz Stereo Audio CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270-DZZR Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS4270-DZZR Datasheet HTML 4Page - Cirrus Logic CS4270-DZZR Datasheet HTML 5Page - Cirrus Logic CS4270-DZZR Datasheet HTML 6Page - Cirrus Logic CS4270-DZZR Datasheet HTML 7Page - Cirrus Logic CS4270-DZZR Datasheet HTML 8Page - Cirrus Logic CS4270-DZZR Datasheet HTML 9Page - Cirrus Logic CS4270-DZZR Datasheet HTML 10Page - Cirrus Logic CS4270-DZZR Datasheet HTML 11Page - Cirrus Logic CS4270-DZZR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
DS686PP1
CS4270
3. TYPICAL CONNECTION DIAGRAM
Figure 1. CS4270 Typical Connection Diagram
)
LJ
(I2S/
CS
/
AD0
SDA / CDIN (M1)
SCL / CCLK (M0)
AINA
AINB
RST
Power
Down
and Mode
Settings
(Control Port)
AOUTA
MUTEA
AOUTB
MUTEB
Analog Conditioning
&
Mute
LRCK
SCLK
MCLK
Timing Logic
&
Clock
SDIN
)
S
(M/
SDOUT
Audio Data
Processor
DGND
FILT+
AGND
VQ
VD
VA
+3.3 V to 5 V
+3.3 V to 5 V
CS4270
2.
GND or VD
47 k
5.1
Analog Input
Network
47 µF
0.1 µF
10 µF
0.1 µF
1 µF
0.1 µF
1 µF
0.1 µF
If using separate supplies for
VA and VD, 5.1
Ω resistor not
needed. See "Grounding and
Power Supply Decoupling."
VLC
+1.8 V to 5 V
2.
1.
1.
1.
3.
3.
3.
Use pull-up resistors in Software
Mode. In Hardware Mode, use
pull-up or pull-down. See "Mode
Selection & De-Emphasis."
2 k
2 k
(see Figures 12 & 13)
(see Figures 14 & 15)
Use a 47 k
Ω pull-down to select
Slave Mode or 47 k
Ω pull-up to
VD to select Master Mode. See
"Master/Slave Mode Selection."
AD1 (MDIV2)
AD2 (MDIV1)


Podobny numer części - CS4270-DZZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4270-DZZR CIRRUS-CS4270-DZZR Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Podobny opis - CS4270-DZZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com