Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5466-ISZ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS5466-ISZ
Szczegółowy opis  Low-cost Power/Energy IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466-ISZ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS5466-ISZ Datasheet HTML 3Page - Cirrus Logic CS5466-ISZ Datasheet HTML 4Page - Cirrus Logic CS5466-ISZ Datasheet HTML 5Page - Cirrus Logic CS5466-ISZ Datasheet HTML 6Page - Cirrus Logic CS5466-ISZ Datasheet HTML 7Page - Cirrus Logic CS5466-ISZ Datasheet HTML 8Page - Cirrus Logic CS5466-ISZ Datasheet HTML 9Page - Cirrus Logic CS5466-ISZ Datasheet HTML 10Page - Cirrus Logic CS5466-ISZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS5466
DS659F1
7
DIGITAL CHARACTERISTICS (Note 7)
Min / Max characteristics and specifications are guaranteed over all operating conditions.
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
VA+ = 5 V ±5% VD+ = 3.3 V ±5% or 5 V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
MCLK = 4.096 MHz
Notes: 7. All measurements performed under static conditions.
8. If external MCLK is used, then the duty cycle must be between 45% and 55% to maintain this specification.
9. The frequency of CPUCLK is equal to MCLK.
10. VOL and VOH are not specified under this condition.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
Master Clock Frequency
Internal Gate Oscillator
MCLK
3
4.096
5
MHz
Master Clock Duty Cycle
-
40
-
60
%
CPUCLK Duty Cycle
(Note 8 and 9)
-
40
-
60
%
Filter Characteristics
High-pass Filter Corner Frequency
-3 dB
-
-
0.125
-
Hz
Input/Output Characteristics
High-level Input Voltage
XIN
RESET
VIH
(VD+) - 0.5
0.8 VD+
-
-
-
-
V
V
Low-level Input Voltage (VD = 5 V)
XIN
RESET
VIL
-
-
-
-
1.5
0.2 VD+
V
V
Low-level Input Voltage (VD = 3.3 V)
XIN
RESET
VIL
-
-
-
-
0.3
0.2 VD+
V
V
High-level Output Voltage (except XOUT)
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-level Output Voltage (except XOUT)
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Drive Current FOUT, E1, E2, NEG
(Note 10)
IDR
-50
-
mA


Podobny numer części - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
More results

Podobny opis - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com