Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5466-ISZ Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS5466-ISZ
Szczegółowy opis  Low-cost Power/Energy IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466-ISZ Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS5466-ISZ Datasheet HTML 4Page - Cirrus Logic CS5466-ISZ Datasheet HTML 5Page - Cirrus Logic CS5466-ISZ Datasheet HTML 6Page - Cirrus Logic CS5466-ISZ Datasheet HTML 7Page - Cirrus Logic CS5466-ISZ Datasheet HTML 8Page - Cirrus Logic CS5466-ISZ Datasheet HTML 9Page - Cirrus Logic CS5466-ISZ Datasheet HTML 10Page - Cirrus Logic CS5466-ISZ Datasheet HTML 11Page - Cirrus Logic CS5466-ISZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5466
8
DS659F1
SWITCHING CHARACTERISTICS
Min / Max characteristics and specifications are guaranteed over all operating conditions.
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
VA+ = 5 V ±5% VD+ = 3.3 V ±5% or 5 V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
Logic Levels: Logic 0 = 0 V, Logic 1 = VD+.
Notes: 11. Specified using 10% and 90% points on wave-form of interest. Output loaded with 50 pF.
12. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external
clock source.
13. Pulse output timing is specified at MCLK = 4.096 MHz. Current and voltage signals are at unity power factor. See
”Energy Pulse Outputs” on page 11. for more information on pulse output pins.
14. Timing is proportional to the frequency of MCLK.
15. When FREQ2 = 0, FREQ1=1 and FREQ0=1, FOUT will have a typical pulse width of 20
µs at MCLK = 4.096 MHz.
Parameter
Symbol
Min
Typ
Max
Unit
Rise Times
Digital Output (Note 11)
trise
-50-
ns
Fall Times
Digital Output (Note 11)
tfall
-50-
ns
Start-up
Oscillator Start-up Time
XTAL = 4.096 MHz (Note 12)
tost
-60-
ms
E1 and E2 Timing (Note 13 and 14)
Period
t1
500
-
-
ms
Pulse Width
t2
250
-
-
ms
Rising Edge to Falling Edge
t3
250
-
-
ms
E1 Falling Edge to E2 Falling Edge
t4
250
-
-
ms
FOUT Timing (Note 13 and 14)
Period
t5
0.10
1 / fFOUT
ms
Pulse Width
(Note 15)
t6
-0.5*t5
90
ms
FOUT Low
t7
-0.5*t5
-ms
E1
E2
FOUT
t
1
t
2
t
3
t
5
t
6
t
4
t
7
t
3
t
1
t
2
Figure 1. Timing Diagram for E1, E2 and FOUT (Not to Scale)


Podobny numer części - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
More results

Podobny opis - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com