Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5466-ISZ Arkusz danych(PDF) 10 Page - Cirrus Logic

Numer części CS5466-ISZ
Szczegółowy opis  Low-cost Power/Energy IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466-ISZ Arkusz danych(HTML) 10 Page - Cirrus Logic

Back Button CS5466-ISZ Datasheet HTML 6Page - Cirrus Logic CS5466-ISZ Datasheet HTML 7Page - Cirrus Logic CS5466-ISZ Datasheet HTML 8Page - Cirrus Logic CS5466-ISZ Datasheet HTML 9Page - Cirrus Logic CS5466-ISZ Datasheet HTML 10Page - Cirrus Logic CS5466-ISZ Datasheet HTML 11Page - Cirrus Logic CS5466-ISZ Datasheet HTML 12Page - Cirrus Logic CS5466-ISZ Datasheet HTML 13Page - Cirrus Logic CS5466-ISZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS5466
10
DS659F1
4.
THEORY OF OPERATION
The CS5466 is a dual-channel analog-to-digital convert-
er (ADC) followed by a computation engine that per-
forms an energy-to-pulse conversion. The flow diagram
for the two data paths is depicted in Figure 2. The ana-
log inputs are structured with two dedicated channels,
voltage and current, then optimized to simplify interfac-
ing to sensing elements.
The voltage-sensing element introduces a voltage
waveform on the voltage channel input VIN
± and is sub-
ject to a fixed 10x gain amplifier. A second-order delta-
sigma modulator samples the amplified signal for digiti-
zation.
Simultaneously, the current sensing element introduces
a voltage waveform on the current channel input IIN
±
and is subject to four programmable gains. The ampli-
fied signal is sampled by a fourth-order delta-sigma
modulator for digitization. Both converters sample at a
rate of MCLK / 8. The over-sampling provides a wide
dynamic range and simplified anti-alias filter design.
4.1
Digital Filters
The decimating digital filters on both channels are Sinc3
filters followed by fourth-order IIR filters. The single-bit
data is passed to the low-pass decimation filter and out-
put at a fixed word rate. The output word is passed to
the IIR filter to compensate for the magnitude roll-off of
the low-pass filtering operation.
An optional digital high-pass filter (HPF in Figure 2) re-
moves any DC component from the selected signal
path. By removing the DC component from the voltage
or current channel, any DC content will also be removed
from the calculated average active (real) power as well.
4.2
Active Power Computation
The instantaneous voltage and current data samples
are multiplied to obtain the instantaneous power. The
product is then averaged over 400 conversions to com-
pute the active power value used to drive pulse outputs
E1, E2, and FOUT. Output pulse rate of E1 and E2 can
be set to one of four frequencies to directly drive a step-
per motor or a electromechanical counter or interface to
a microcontroller or infrared LED. The alternating output
pulses of E1 and E2 allows for use with low-cost elec-
tromechanical counters.
Output FOUT provides a uniform pulse stream that is
proportional to the active power and is designed for sys-
tem calibration. The FREQ[2:0] inputs set the output
pulse rate of E1, E2, and FOUT. See ”Energy Pulse
Outputs” on page 11. for more details.
2nd Order
∆Σ
Modulator
4th Order
∆Σ
Modulator
x
VIN±
IIN±
Energy-to-
Pulse Rate
Converter
E1
E2
FOUT
Sinc3
PGA
10x
HPF
NEG
IGAIN[1:0]
FREQ[2:0]
IIR
IIR
Sinc3
Current Channel
Voltage Channel
Digital Filter
HPF
N=400
Σ
N
HPF
Config
Digital Filter
Figure 2. Data Flow


Podobny numer części - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
More results

Podobny opis - CS5466-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com