Zakładka z wyszukiwarką danych komponentów |
|
CS5526-BS Arkusz danych(PDF) 9 Page - Cirrus Logic |
|
CS5526-BS Arkusz danych(HTML) 9 Page - Cirrus Logic |
9 / 30 page CS5525 CS5526 DS202F5 9 Figure 4 illustrates the CS5525/26 connected to measure ground referenced unipolar signals of a positive polarity using the 1 V, 2.5 V, and 5 V input voltage ranges on the converter. For the 25 mV, 55 mV, and 100 mV ranges the signal must have a common mode near +2.5 V (NBV = 0V). The CS5525/26 are optimized for the measurement of thermocouple outputs, but they are also well suited for the measurement of ratiometric bridge transducer outputs. Figure 5 illustrates the CS5525/26 connected to measure the output of a ratiometric differential bridge transducer while op- erating from a single +5 V supply. -5 V NB V 30 .1 K 34.8 K 2N 508 7 or s im ila r -5 V 2.1 K 2.0 K NB V + 10 µF 10 µF + Figure 2. Charge Pump Drive Circuit for VD+ = 3 V. Figure 3. Alternate NBV Circuits. Figure 4. CS5525/26 Configured for ground-referenced Unipolar Signals. |
Podobny numer części - CS5526-BS |
|
Podobny opis - CS5526-BS |