Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1210 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części BF1210
Szczegółowy opis  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1210 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button BF1210 Datasheet HTML 7Page - NXP Semiconductors BF1210 Datasheet HTML 8Page - NXP Semiconductors BF1210 Datasheet HTML 9Page - NXP Semiconductors BF1210 Datasheet HTML 10Page - NXP Semiconductors BF1210 Datasheet HTML 11Page - NXP Semiconductors BF1210 Datasheet HTML 12Page - NXP Semiconductors BF1210 Datasheet HTML 13Page - NXP Semiconductors BF1210 Datasheet HTML 14Page - NXP Semiconductors BF1210 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
11 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
8.1.2 Scattering parameters for amplifier A
8.2 Noise data for amplifier A
8.3 Dynamic characteristics for amplifier B
Table 9.
Scattering parameters for amplifier A
VDS(A) =5V; VG2-S =4V; ID(A) = 19 mA; VDS(B) =0V;VG1-S(B) =0V; Tamb =25 °C; typical values.
f (MHz)
s11
s21
s12
s22
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
40
0.9861
−3.2
3.14
176.75
0.00054
87.97
0.9934
−1.19
100
0.9883
−7.84
3.14
171.53
0.00104
87.69
0.9925
−2.85
200
0.9844
−15.7
3.12
163.1
0.00205
80.77
0.9918
−5.69
300
0.9761
−23.52
3.08
154.65
0.00295
76.33
0.9904
−8.51
400
0.9635
−31.26
3.03
146.33
0.00375
72.34
0.9888
−11.33
500
0.9486
−38.78
2.97
138.15
0.00437
67.97
0.9870
−14.13
600
0.9305
−46.2
2.90
130.12
0.00483
64.86
0.9847
−16.87
700
0.9105
−53.33
2.81
122.26
0.0051
62.13
0.9832
−19.61
800
0.8911
−60.2
2.73
114.65
0.0052
59.88
0.9817
−22.35
900
0.8723
−67.03
2.65
107.2
0.00515
58.8
0.9796
−25.03
1000
0.8521
−73.74
2.56
99.78
0.00498
58.03
0.9785
−27.08
Table 10.
Noise data for amplifier A
VDS(A) =5V; VG2-S =4V; ID(A) = 19 mA, Tamb =25 °C; typical values.
f (MHz)
NFmin (dB)
Γopt
rn (ratio)
(ratio)
(deg)
400
0.9
0.749
23.7
0.667
800
1.2
0.688
48.65
0.583
Table 11.
Dynamic characteristics for amplifier B
Common source; Tamb =25 °C; VG2-S =4V; VDS(B) =5V; ID(B) =13mA.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
|yfs|
forward transfer admittance
Tj =25 °C28
33
43
mS
Ciss(G1)
input capacitance at gate1
f = 100 MHz
[1] -
1.9
2.4
pF
Ciss(G2)
input capacitance at gate2
f = 100 MHz
[1] -
3.4
-
pF
Coss
output capacitance
f = 100 MHz
[1] -
0.85
-
pF
Crss
reverse transfer capacitance f = 100 MHz
[1] -20
-
fF
Gtr
transducer power gain
BS =BS(opt); BL =BL(opt)
[1]
f = 200 MHz; GS = 2 mS; GL = 0.5 mS
32
36
40
dB
f = 400 MHz; GS = 2 mS; GL = 1 mS
29
33
37
dB
f = 800 MHz; GS = 3.3 mS; GL =1mS
27
31
35
dB
NF
noise figure
f = 11 MHz; GS = 20 mS; BS =0S
-
4
-
dB
f = 400 MHz; YS =YS(opt)
-
0.9
1.5
dB
f = 800 MHz; YS =YS(opt)
-
1.2
1.9
dB


Podobny numer części - BF1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1210 NXP-BF1210 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1210_2015 JMNIC-BF1210_2015 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

Podobny opis - BF1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com