Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVP1212RHAR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVP1212RHAR
Szczegółowy opis  12 LVPECL Output, High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1212RHAR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CDCLVP1212RHAR Datasheet HTML 4Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 5Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 6Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 7Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 8Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 9Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 10Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 11Page - Texas Instruments CDCLVP1212RHAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=2.375V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency(GHz)
1.1
1.2
1.3
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
=3.0V
T = 40 Cto+85 C
V
=1V
V
=Min
CC
A
ICM
IN,DIFF,PP
-
°
°
CDCLVP1212
SCAS886A – AUGUST 2009 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = –40°C to +85°C (unless otherwise noted).
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 1.
DIFFERENTIAL OUTPUT PEAK-TO-PEAK VOLTAGE
vs FREQUENCY
Figure 2.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1212


Podobny numer części - CDCLVP1212RHAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZR TI1-CDCLVP1216RGZR Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZT TI1-CDCLVP1216RGZT Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Podobny opis - CDCLVP1212RHAR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106_16 Datasheet
1Mb / 33P
[Old version datasheet]   12-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com