Zakładka z wyszukiwarką danych komponentów |
|
BD26TD2WNVX-TL Arkusz danych(PDF) 1 Page - Rohm |
|
BD26TD2WNVX-TL Arkusz danych(HTML) 1 Page - Rohm |
1 / 41 page 1/40 www.rohm.com 2010.02 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. CMOS LDO Regulator Series for Portable Equipments Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting BU□□TD2WNVX Series ● Description BUTD2WNVX series is high-performance FULL CMOS regulator with 200-mA output, which is mounted on micro miniature package SSON004X1010 (1.0 mm 1.0 mm 0.6 mm). It has excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of 35 A. It is most appropriate for various applications such as power supplies for logic IC, RF, and camera modules. Micro miniature SSON004X1010 with built-in heatsink is adopted for the package, which contributes to the space-saving design of the set. ● Features 1) High-accuracy output voltage of 1% (25 mV on Vout<2.5V products) 2) High ripple rejection: 70 dB (Typ., 1 kHz,) 3) Compatible with small ceramic capacitor (CIN=Co=0.47 µF) 4) Low current consumption: 35 µA 5) ON/OFF control of output voltage 6) With built-in overcurrent protection circuit and thermal shutdown circuit 7) With built-in output discharge circuit 8) Adopting ultra-small package SSON004X1010 ● Applications Battery-powered portable equipment, etc. ● Line up ■ 200 mA BU□□TD2WNVX Series Product Name 1.2 1.5 1.8 1.9 2.5 2.6 2.7 Package BU□□TD2WNVX ○ ○ ○ ○ ○ ○ ○ SSON004X1010 2.8 3.0 3.1 3.3 - - - ○ ○ ○ ○ - - - Model name:BU□□TD2WNVX a Symbol Contents Specification of output voltage a □□ Output voltage (V) □□ Output voltage (V)) □□ Output voltage (V) 12 1.2 V(Typ.) 26 2.6 V(Typ.) 33 3.3 V(Typ.) 15 1.5 V(Typ.) 27 2.7 V(Typ.) - - 18 1.8 V(Typ.) 28 2.8 V(Typ.) - - 19 1.9 V(Typ.) 30 3.0 V(Typ.) - - 25 2.5 V(Typ.) 31 3.1 V(Typ.) - - ● Absolute maximum ratings Parameter Symbol Limits Unit Maximum applied power voltage VMAX -0.3 ~ +6.5 V Power dissipation Pd 560 (*1) mW Maximum junction temperature TjMAX +125 ℃ Operational temperature range Topr -40 ~ +85 ℃ Storage temperature range Tstg -55 ~ +125 ℃ (*1) When PCB (70 mm 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented. Reduced to 5.6 mW/℃ when used at Ta=25℃ or higher. No.10020EAT07 |
Podobny numer części - BD26TD2WNVX-TL |
|
Podobny opis - BD26TD2WNVX-TL |