Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5311-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC5311-Q1
Szczegółowy opis  1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5311-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC5311-Q1 Datasheet HTML 1Page - Texas Instruments DAC5311-Q1 Datasheet HTML 2Page - Texas Instruments DAC5311-Q1 Datasheet HTML 3Page - Texas Instruments DAC5311-Q1 Datasheet HTML 4Page - Texas Instruments DAC5311-Q1 Datasheet HTML 5Page - Texas Instruments DAC5311-Q1 Datasheet HTML 6Page - Texas Instruments DAC5311-Q1 Datasheet HTML 7Page - Texas Instruments DAC5311-Q1 Datasheet HTML 8Page - Texas Instruments DAC5311-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
PIN CONFIGURATION
1
2
3
6
5
4
SYNC
SCLK
D
IN
V
OUT
GND
AV
/V
DD
REF
DAC5311-Q1
www.ti.com ...................................................................................................................................................................................................... SBAS470 – JUNE 2009
DCK PACKAGE
SC70-6
(TOP VIEW)
Table 1. PIN DESCRIPTION
PIN
NAME
DESCRIPTION
Level-triggered control input (active low). This is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register and data are transferred in on the falling edges
1
SYNC
of the following clocks. The DAC is updated following 16th clock cycle, unless SYNC is taken high before
this edge, in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored
by the DAC5311. See the SYNC Interrupt section for more details.
2
SCLK
Serial clock input. Data can be transferred at rates up to 50 MHz.
Serial data input. Data is clocked into the 16-bit input shift register on the falling edge of the serial clock
3
DIN
input.
4
AVDD/VREF
Power supply input, 1.8 V to 5.5 V.
5
GND
Ground reference point for all circuitry on the part.
6
VOUT
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5311-Q1


Podobny numer części - DAC5311-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI-DAC5311 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Podobny opis - DAC5311-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5608 TI-TLV5608_15 Datasheet
865Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com