Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5311-Q1 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC5311-Q1
Szczegółowy opis  1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5311-Q1 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC5311-Q1 Datasheet HTML 7Page - Texas Instruments DAC5311-Q1 Datasheet HTML 8Page - Texas Instruments DAC5311-Q1 Datasheet HTML 9Page - Texas Instruments DAC5311-Q1 Datasheet HTML 10Page - Texas Instruments DAC5311-Q1 Datasheet HTML 11Page - Texas Instruments DAC5311-Q1 Datasheet HTML 12Page - Texas Instruments DAC5311-Q1 Datasheet HTML 13Page - Texas Instruments DAC5311-Q1 Datasheet HTML 14Page - Texas Instruments DAC5311-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Time(5ms/div)
AV
=5V
DAC=ZeroScale
Load=200pF||10kW
DD
17mV
Time(10ms/div)
AV
=5V
DAC=ZeroScale
Load=200pF||10kW
DD
120
110
100
90
80
70
5.500
2.725
3.650
4.575
1.800
AV
(V)
DD
AV
=1.8Vto5.5V
DD
0.4
0.3
0.2
0.1
0
5.500
2.725
3.650
4.575
1.800
AV
(V)
DD
AV
=1.8Vto5.5V
DD
I
(mA)
DD
50
45
40
35
30
25
20
15
10
5
0
AV
=5.5V
DD
DAC5311-Q1
www.ti.com ...................................................................................................................................................................................................... SBAS470 – JUNE 2009
TYPICAL CHARACTERISTICS: AVDD = 5 V (continued)
At TA = 25°C, AVDD = 5 V, and DAC loaded with midscale code (unless otherwise noted)
POWER-ON RESET TO 0 V
POWER-ON GLITCH
POWER-OFF GLITCH
Figure 25.
Figure 26.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs POWER-SUPPLY VOLTAGE
vs POWER-SUPPLY VOLTAGE
Figure 27.
Figure 28.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 29.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5311-Q1


Podobny numer części - DAC5311-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311 TI-DAC5311 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Podobny opis - DAC5311-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5608 TI-TLV5608_15 Datasheet
865Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com