Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9265BCPZRL7-80 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9265BCPZRL7-80
Szczegółowy opis  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9265BCPZRL7-80 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9265BCPZRL7-80 Datasheet HTML 4Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 5Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 6Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 9Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 10Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 11Page - Analog Devices AD9265BCPZRL7-80 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9265
Rev. A | Page 8 of 44
SWITCHING SPECIFICATIONS
−1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless otherwise noted.
Table 4.
AD9265BCPZ-801
AD9265BCPZ-1051
AD9265BCPZ-1251
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate2
DCS Enabled
Full
20
80
20
105
20
125
MSPS
DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
9.5
8
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
Divide-by-1 Mode, DCS Disabled
5.9
6.25
6.6
4.5
4.75
5.0
3.8
4
4.2
ns
Divide-by-3 Mode, Divide-by-5 Mode, and
Divide-by-7 Mode, DCS Enabled3
Full
0.8
0.8
0.8
ns
Divide-by-2 Mode, Divide-by-4 Mode, Divide-
by-6 Mode and Divide-by-8 Mode, DCS
Enabled or DCS Disabled3
Full
0.8
0.8
0.8
ns
Aperture Delay(tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.07
0.07
0.07
ps rms
DATA OUTPUT PARAMETERS
CMOS Mode
Data Propagation Delay (tPD)
Full
2.4
2.8
3.4
2.4
2.8
3.4
2.4
2.8
3.4
ns
DCO Propagation Delay (tDCO)4
Full
2.7
3.4
4.2
2.7
3.4
4.2
2.7
3.4
4.2
ns
DCO to Data Skew (tSKEW)
Full
0.3
0.6
0.9
0.3
0.6
0.9
0.3
0.6
0.9
ns
Pipeline Delay (Latency)
Full
12
12
12
Cycles
LVDS Mode
Data Propagation Delay (tPD)
Full
2.6
3.4
4.2
2.6
3.4
4.2
2.6
3.4
4.2
ns
DCO Propagation Delay (tDCO)4
Full
3.3
3.8
4.3
3.3
3.8
4.3
3.3
3.8
4.3
ns
DCO to Data Skew (tSKEW)
Full
−0.3
0.4
1.2
−0.3
0.4
1.2
−0.3
0.4
1.2
ns
Pipeline Delay (Latency)
Full
12.5
12.5
12.5
Cycles
Wake-Up Time5
Full
500
500
500
μs
OUT-OF-RANGE RECOVERY TIME
Full
2
2
2
Cycles
1 The suffix following the part number refers to the model found in the Ordering Guide section.
2 Conversion rate is the clock rate after the divider.
3 See the Input Clock Divider section for additional information on using the DCS with the input clock divider.
4 Additional DCO delay can be added by writing to Bit 0 through Bit 4 in SPI Register 0x17 (see Table 17).
5 Wake-up time is defined as the time required to return to normal operation from power-down mode.


Podobny numer części - AD9265BCPZRL7-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9265BCPZRL7-80 AD-AD9265BCPZRL7-80 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Podobny opis - AD9265BCPZRL7-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com