Zakładka z wyszukiwarką danych komponentów |
|
AD5258BRMZ10 Arkusz danych(PDF) 10 Page - Analog Devices |
|
AD5258BRMZ10 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 75 page x ADSP-BF506F EZ-KIT Lite Evaluation System Manual The evaluation board is designed to be used in conjunction with the Visu- alDSP++® development environment to test capabilities of the ADSP-BF504/BF506(F) Blackfin processors. The VisualDSP++ develop- ment environment aids advanced application code development and debug, such as: • Create, compile, assemble, and link application programs written in C++, C, and ADSP-BF506F assembly • Load, run, step, halt, and set breakpoints in application programs • Read and write data and program memory • Read and write core and peripheral registers • Plot memory Access to the processor from a personal computer (PC) is achieved through a USB port or an external JTAG emulator. The USB interface provides unrestricted access to the ADSP-BF506F processor and evalua- tion board peripherals. Analog Devices JTAG emulators offer faster communication between the host PC and target hardware. Analog Devices carries a wide range of in-circuit emulation products. To learn more about Analog Devices emulators and processor development tools, go to http://www.analog.com/dsp/tools/ . The ADSP-BF506F EZ-KIT Lite provides example programs to demon- strate the evaluation board capabilities. An EZ-KIT Lite is a licensed product that offers an unrestricted evaluation license for the first 90 days. For details about evaluation license restrictions after the 90 days, refer to “Evaluation License Restrictions” on page 1-7 in this manual and the VisualDSP++ Installation Quick Reference Card. |
Podobny numer części - AD5258BRMZ10 |
|
Podobny opis - AD5258BRMZ10 |