Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM015C107KHN650 Arkusz danych(PDF) 4 Page - AVX Corporation

Numer części SM015C107KHN650
Szczegółowy opis  AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

SM015C107KHN650 Arkusz danych(HTML) 4 Page - AVX Corporation

  SM015C107KHN650 Datasheet HTML 1Page - AVX Corporation SM015C107KHN650 Datasheet HTML 2Page - AVX Corporation SM015C107KHN650 Datasheet HTML 3Page - AVX Corporation SM015C107KHN650 Datasheet HTML 4Page - AVX Corporation SM015C107KHN650 Datasheet HTML 5Page - AVX Corporation SM015C107KHN650 Datasheet HTML 6Page - AVX Corporation SM015C107KHN650 Datasheet HTML 7Page - AVX Corporation SM015C107KHN650 Datasheet HTML 8Page - AVX Corporation SM015C107KHN650 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
3
APPLICATION SPECIFIC
DEVELOPMENT LABORATORIES
Initially, AVX technical personnel communicate with customers
to learn the requirements that the new capacitor must satisfy.
The personnel involved are well-versed in material, manufac-
turing and electronic application technologies. They study the
overall application and the environment in which the part will
function. Programs are begun for selection of appropriate
ceramic formulations, metal systems and designs. These pro-
grams yield a detailed technology profile from which mechan-
ical design and process specifications follow.
ADVANCED
MANUFACTURING FACILITIES
The ability and reputation of AVX in high reliability MLCs is due
in part to the company’s complete control over all phases of
the production process. This includes powder processing,
tape casting and/or wet build-up, green MLC assembly and
final capacitor assembly/packaging. Recent renovations at
AVX have upgraded green MLC assembly areas to certified
clean room levels.
A favorite feature with many customers of AVX is our ability
to work with customers in solving special packaging
requirements. This includes special lead configurations and
multiple chip packaging that simplifies the mounting of
specialty capacitors. To the customer, the total capability of
AVX assures a high level of consistent control at all steps of
production.
QUALITY CONTROL
The Q. A. organization is an integral part of manufacturing.
Quality Control tests the product of each manufacturing
process, detects flaws or variations from the narrow
acceptable standard and isolates the cause of the deviation.
Corrective action can then be taken to return the process to
within its predetermined control levels.
Quality Assurance has large and well-equipped laboratories
where statistical samples are evaluated and tested to
determine failure rates, characterize products and assure
compliance with specification. Both destructive and non-
destructive testing are used, including advanced ultrasonic
inspection equipment for non-destructive inspection of an
entire production quantity.
Put the experience, technology and facilities of the leading
company in multilayer ceramics to work for you. No other
source offers the unique combination of capability and
commitment to advanced application specific components.
Application Specific MLCs
Problem Solving at the Leading Edge


Podobny numer części - SM015C107KHN650

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
logo
List of Unclassifed Man...
SM010 ETC-SM010 Datasheet
138Kb / 2P
   HCMOS SURFACE MOUNT OSCILLATORS
More results

Podobny opis - SM015C107KHN650

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
05041A0R5CA79A AVX-05041A0R5CA79A Datasheet
6Mb / 135P
   Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
   Surface Mount Tip and Ring Filters
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
   Tip and Ring Common Mode Filters
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
   Surface Mount Tip and Ring Filters
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
   Tip and Ring Common Mode Filters
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com