Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC595N Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC595N
Szczegółowy opis  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595N Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74HC595N Datasheet HTML 1Page - Texas Instruments SN74HC595N Datasheet HTML 2Page - Texas Instruments SN74HC595N Datasheet HTML 3Page - Texas Instruments SN74HC595N Datasheet HTML 4Page - Texas Instruments SN74HC595N Datasheet HTML 5Page - Texas Instruments SN74HC595N Datasheet HTML 6Page - Texas Instruments SN74HC595N Datasheet HTML 7Page - Texas Instruments SN74HC595N Datasheet HTML 8Page - Texas Instruments SN74HC595N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN54HC595...J OR W PACKAGE
SN74HC595...D, DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC595...FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
OE
RCLK
SRCLK
SRCLR
QH′
3
2
1
2 0
1 9
9 10
11
12 1 3
4
5
6
7
8
18
17
16
15
14
SER
OE
NC
RCLK
SRCLK
Q
Q
NC
D
E
Q
Q
F
G
SN54HC595
SN74HC595
www.ti.com
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Check for Samples: SN54HC595 SN74HC595
1
FEATURES
8-Bit Serial-In, Parallel-Out Shift
Wide Operating Voltage Range of 2 V to 6 V
High-Current 3-State Outputs Can Drive Up To
15 LSTTL Loads
Low Power Consumption: 80-
μA (Max) ICC
tpd = 13 ns (Typ)
±6-mA Output Drive at 5 V
Low Input Current: 1
μA (Max)
Shift Register Has Direct Clear
DESCRIPTION
The 'HC595 devices contain an 8-bit serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
3-state outputs. Separate clocks are provided for both
the shift and storage register. The shift register has a
direct overriding clear (SRCLR) input, serial (SER)
input, and serial outputs for cascading. When the
output-enable (OE) input is high, the outputs are in
the high-impedance state.
Both the shift register clock (SRCLK) and storage
register clock (RCLK) are positive-edge triggered. If
both clocks are connected together, the shift register
always is one clock pulse ahead of the storage
register.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1982–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74HC595N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC595N TI-SN74HC595N Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595N TI-SN74HC595N Datasheet
641Kb / 20P
[Old version datasheet]   8BIT SHIFT REGISTERS WITH 3 STATE OUTPUT REGISTERS
SN74HC595N TI-SN74HC595N Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595N TI1-SN74HC595N Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN74HC595NE4 TI-SN74HC595NE4 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Podobny opis - SN74HC595N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com