Zakładka z wyszukiwarką danych komponentów |
|
TPD4S010 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
TPD4S010 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 17 page TPD4S009 TPD4S010 SLVS817D – MAY 2008 – REVISED MARCH 2010 www.ti.com ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range for TPD4S009 –0.3 6 V VIO IO signal voltage range 0 VCC V Tstg Storage temperature range –65 125 °C TA Characterized free-air operating temperature range –40 85 °C Lead temperature, 1.6 mm (1/16 in) from case for 10 s) 260 °C IEC 61000-4-2 Contact Discharge ±8 kV IEC 61000-4-2 Air-Gap Discharge ±9 kV Peak pulse power (tp = 8/20 ms) 25 W Peak pulse current (tp = 8/20 ms) 2.5 A ELECTRICAL CHARACTERISTICS over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VRWM Reverse standoff voltage Any IO pin to ground 5.5 V VBR Breakdown voltage IIO = 1 mA Any IO pin to ground 9 V IIO IO port current VIO = 3.3 V, VCC = 5 V Any IO pin 0.01 0.1 mA Ioff Current from IO port to supply pins VIO = 3.3 V, VCC = 5 V Any IO pin 0.01 0.1 mA VD Diode forward voltage IIO = 8 mA Lower clamp diode 0.6 0.8 0.95 V RDYN Dynamic resistance I = 1 A Any IO pin 1.1 Ω CIO IO capacitance VCC = 5 V, VIO = 2.5 V Any IO pin 0.8 pF ICC Operating supply current VIO = Open, VCC = 5 V VCC pin 0.1 1 mA 4 Submit Documentation Feedback Copyright © 2008–2010, Texas Instruments Incorporated Product Folder Link(s): TPD4S009 TPD4S010 |
Podobny numer części - TPD4S010 |
|
Podobny opis - TPD4S010 |