Zakładka z wyszukiwarką danych komponentów |
|
TPIC9201PWPR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
TPIC9201PWPR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 20 page www.ti.com TPIC9201 MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER SLIS115D – APRIL 2005 – REVISED FEBRUARY 2008 PINOUT CONFIGURATION NO. NAME I/O DESCRIPTION 1 ZVS O Zero-voltage synchronization 2 OUT1 O Low-side output 1 3 OUT2 O Low-side output 2 4 OUT3 O Low-side output 3 5 OUT4 O Low-side output 4 6 OUT5 O Low-side output 5 7 OUT6 O Low-side output 6 8 OUT7 O Low-side output 7 9 OUT8 O Low-side output 8 10(1) GND I Ground 11(1) GND I Ground 12 EN1 I Enable/disable for OUT1 13 RDELAY O Power-up reset delay 14(2) RST I/O Power-on reset output (open drain, active low) 15 MOSI I Serial data input 16 NCS I Chip select 17 SCLK I Serial clock for data synchronization 18 5VOUT O Regulated output 19 VIN I Unregulated input voltage source 20 SYN I AC zero detect input (1) Terminals 10 and 11 are fused internally in the lead frame for the 20-pin PDIP package. (2) Terminal 14 can be used as an input or an output. 2 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated Product Folder Link(s): TPIC9201 |
Podobny numer części - TPIC9201PWPR |
|
Podobny opis - TPIC9201PWPR |