Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ28X-200 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BYQ28X-200
Szczegółowy opis  Dual ultrafast rugged rectifier diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYQ28X-200 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BYQ28X-200 Datasheet HTML 1Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 2Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 3Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 4Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 5Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 6Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 7Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 8Page - NXP Semiconductors BYQ28X-200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BYQ28X-200_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 February 2009
2 of 10
NXP Semiconductors
BYQ28X-200
Dual ultrafast rugged rectifier diode
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode 1
SOT186A
(TO-220F)
2
K
cathode
3
A2
anode 2
mb
n.c.
mounting base; isolated
3
2
1
mb
sym125
A2
A1
K
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BYQ28X-200
TO-220F
plastic single-ended package; isolated heatsink mounted; 1 mounting
hole; 3-lead TO-220 "full pack"
SOT186A


Podobny numer części - BYQ28X-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYQ28X-200 PHILIPS-BYQ28X-200 Datasheet
46Kb / 6P
   Rectifier diodes ultrafast
August 1996 Rev 1.000
logo
WeEn Semiconductors
BYQ28X-200 WEEN-BYQ28X-200 Datasheet
2Mb / 10P
   Dual ultrafast rugged rectifier diode
BYQ28X-200E WEEN-BYQ28X-200E Datasheet
394Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYQ28X-200 PHILIPS-BYQ28X-200_15 Datasheet
146Kb / 10P
   Dual ultrafast rugged rectifier diode
Rev. 02-5 February 2009
More results

Podobny opis - BYQ28X-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYQ28X-200 PHILIPS-BYQ28X-200_15 Datasheet
146Kb / 10P
   Dual ultrafast rugged rectifier diode
Rev. 02-5 February 2009
logo
WeEn Semiconductors
BYQ28X-200 WEEN-BYQ28X-200 Datasheet
2Mb / 10P
   Dual ultrafast rugged rectifier diode
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com