Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ28ED-200 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części BYQ28ED-200
Szczegółowy opis  Rectifier diodes ultrafast, rugged
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYQ28ED-200 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button BYQ28ED-200 Datasheet HTML 2Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 3Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 4Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 5Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 6Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 7Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 8Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 9Page - NXP Semiconductors BYQ28ED-200 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BYQ28_SER_E_ED_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 5 December 2007
7 of 10
NXP Semiconductors
BYQ28 series E and ED
Rectifier diodes ultrafast, rugged
Fig 8.
Package outline SOT428 (TO-252)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
06-02-14
06-03-16
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.46
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


Podobny numer części - BYQ28ED-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYQ28ED-200 PHILIPS-BYQ28ED-200 Datasheet
62Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
logo
WeEn Semiconductors
BYQ28ED-200 WEEN-BYQ28ED-200 Datasheet
415Kb / 11P
   Rectifier diodes ultrafast, rugged
logo
Inchange Semiconductor ...
BYQ28ED-200 ISC-BYQ28ED-200 Datasheet
288Kb / 2P
   Ultrafast Recovery Rectifier
logo
WeEn Semiconductors
BYQ28ED-200PL WEEN-BYQ28ED-200PL Datasheet
375Kb / 10P
   Dual ultrafast power diodes
More results

Podobny opis - BYQ28ED-200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com