Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1600_1006 Arkusz danych(PDF) 11 Page - Cirrus Logic

Numer części CS1600_1006
Szczegółowy opis  Low-cost PFC Controller for Electronic Ballasts
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600_1006 Arkusz danych(HTML) 11 Page - Cirrus Logic

Back Button CS1600_1006 Datasheet HTML 7Page - Cirrus Logic CS1600_1006 Datasheet HTML 8Page - Cirrus Logic CS1600_1006 Datasheet HTML 9Page - Cirrus Logic CS1600_1006 Datasheet HTML 10Page - Cirrus Logic CS1600_1006 Datasheet HTML 11Page - Cirrus Logic CS1600_1006 Datasheet HTML 12Page - Cirrus Logic CS1600_1006 Datasheet HTML 13Page - Cirrus Logic CS1600_1006 Datasheet HTML 14Page - Cirrus Logic CS1600_1006 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CS1600
DS904A6
11
5. FLUORESCENT BALLAST APPLICATION EXAMPLE
The following section gives an example for a front-end PFC stage design for an electronic ballast application. The equations that
follow may be used as guidelines for any other requirements using the CS1600.
5.1
Component Selection Guidelines
The following design example is for a wide-input-voltage
fluorescent ballast application using 2 T5 lamps in series for a
total nominal power of 108W.The target specifications for the
PFC portion of the design, assuming a 94% efficient second
stage, are as follows:
5.1.1
IAC and IFB Sense Resistors
The rectified line voltage, VAC, and the output voltage of the
PFC boost converter, Vlink, are scaled as currents by using
sense resistors, whose values are estimated based on the
equations below:
where
RFB = Feedback resistor used to reflect the PFC output
voltage
RAC = Feedforward resistor used to reflect the rectified line
voltage
Vlink= PFC Output Voltage
VDD = IC Supply Voltage
Iref = Target reference current used for feedback
1% or lower tolerance resistors are recommended to
maximize the tightly toleranced system behavior provided by
the unique digital controller in the CS1600. Resistors may be
separated into two or more series elements if voltage
breakdown and/or regulatory compliance is of concern.
5.1.2
PFC Input Filter Capacitor
For a typical 115 W PFC output stage required to power up a
108 W fluorescent ballast, an input filter capacitance of
0.33
μF is recommended. Capacitor tolerances and the value
of the EMI filter capacitor need to be considered when
selecting the value of the capacitor to be used in this
application.
D6
C1
D5
C2
BR1
BR1
BR1
BR1
AC
Mains
+12V
L1
Q1
R3
CS1600
IAC
NC
FB
STBY
VDD
GND
NC
GD
2
3
1
7
8
6
4
5
R1a
R1b
R2b
R2a
C3a
C3b
R2c
R1c
RAC
RFB
Clink
Figure 17. CS1600 Basic Application Circuit
Vin(min)
108 VAC
Vin(max)
305 VAC
Vlink
460 V
Po
115 W
η
95%
R
FB
V
link
V
dd
I
ref
----------------------------
=
R
FB
460
12
130
10
6
×
----------------------------
=
R
FB
3.45M
Ω
=
[Eq.4]
R
AC
R
FB
=
R
AC
3.45M
Ω
=
[Eq.5]


Podobny numer części - CS1600_1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS1600_1007 CIRRUS-CS1600_1007 Datasheet
201Kb / 18P
   LOW-cost PFC Controller for Electronic Ballasts
More results

Podobny opis - CS1600_1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS1600_1007 CIRRUS-CS1600_1007 Datasheet
201Kb / 18P
   LOW-cost PFC Controller for Electronic Ballasts
CS1600 CIRRUS-CS1600 Datasheet
251Kb / 18P
   Low-cost PFC Controller for Electronic Ballasts
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com