Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC4051QM96Q1 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC4051QM96Q1
Szczegółowy opis  ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051QM96Q1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CD74HC4051QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 9Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 10Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 11Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 12Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CD74HC4051-Q1
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS552A − DECEMBER 2003 − REVISED APRIL 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Input Signal Voltage − V
Figure 8. Typical ON Resistance vs Input Signal Voltage
120
100
80
60
40
20
1
2
34
5
6
78
9
VCC − VEE = 4.5 V
VCC − VEE = 6 V
VCC − VEE = 9 V
Frequency − Hz
Figure 9. Channel ON Bandwidth
10K
100K
1M
10M
100M
−4
−6
−8
−10
−2
0
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 12 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 12 TO 3
Figure 10. Channel OFF Feedthrough
Frequency − Hz
10K
100K
1M
10M
100M
−80
−100
−20
0
−40
−60
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
PIN 12 TO 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
PIN 12 TO 3


Podobny numer części - CD74HC4051QM96Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4051 TI-CD74HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Podobny opis - CD74HC4051QM96Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com