Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC5681IRGCT Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC5681IRGCT
Szczegółowy opis  16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC5681IRGCT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button DAC5681IRGCT Datasheet HTML 4Page - Texas Instruments DAC5681IRGCT Datasheet HTML 5Page - Texas Instruments DAC5681IRGCT Datasheet HTML 6Page - Texas Instruments DAC5681IRGCT Datasheet HTML 7Page - Texas Instruments DAC5681IRGCT Datasheet HTML 8Page - Texas Instruments DAC5681IRGCT Datasheet HTML 9Page - Texas Instruments DAC5681IRGCT Datasheet HTML 10Page - Texas Instruments DAC5681IRGCT Datasheet HTML 11Page - Texas Instruments DAC5681IRGCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
ELECTRICAL CHARACTERISTICS — AC SPECIFICATION
(1)
DAC5681
SLLS864A – AUGUST 2007 – REVISED JANUARY 2009 ................................................................................................................................................. www.ti.com
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
fCLK
Maximum output update rate
1000
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
DAC output is updated on falling edge of DAC clock.
tpd
Output propagation delay
2.5
ns
Does not include Digital Latency (see below).
tr(IOUT)
Output rise time 10% to 90%
220
ps
tf(IOUT)
Output fall time 90% to 10%
220
ps
DAC
Digital Latency
76
clock
cycles
BiasLPF_A enabled; register 0x06, Bit 3 set to 1.
8
µs
DAC Wake-up Time(2)
BiasLPF_A disabled; register 0x06, Bit 3 set to 0.
80
µs
Power-up
Time
BiasLPF_A enabled; register 0x06, Bit 3 set to 1.
8
µs
DAC Sleep Time (3)
BiasLPF_A disabled; register 0x06, Bit 3 set to 0.
80
µs
AC PERFORMANCE
CLKIN = 500 MHz, IF = 5.1 MHz,
81
First Nyquist Zone < fDATA/2
CLKIN = 1000 MHz, IF = 5.1 MHz,
SFDR
Spurious free dynamic range
80
dBc
First Nyquist Zone < fDATA/2
CLKIN = 1000 MHz, IF = 20.1 MHz,
77
First Nyquist Zone < fDATA/2
CLKIN = 500 MHZ, Single tone, 0 dBFS,
75
IF = 20.1 MHz
CLKIN = 1000 MHZ, Single tone, 0 dBFS,
70
IF = 20.1 MHz
CLKIN = 1000 MHZ, Single tone, 0 dBFS,
66
IF = 70.1 MHz
SNR
Signal-to-noise ratio
dBc
CLKIN = 1000 MHZ, Single tone, 0 dBFS,
60
IF = 180 MHz
CLKIN = 1000 MHZ, Single tone, 0 dBFS,
60
IF = 300.2 MHz
CLKIN = 1000 MHZ, Four tone, each -12 dBFS,
73
IF = 24.7, 24.9, 25.1 and 25.3 MHz
CLKIN = 1000 MHZ, IF = 20.1 and 21.1 MHz
88
Third-order two-tone
IMD3
intermodulation
CLKIN = 1000 MHZ, IF = 70.1 and 71.1 MHz
75
dBc
(each tone at –6 dBFS)
CLKIN = 1000 MHZ, IF = 150.1 and 151.1 MHz
67
Four-tone intermodulation
IMD
CLKIN = 1000 MHz, IF = 298.4, 299.2, 300.8 and 301.6 MHz
64
dBc
(each tone at –12 dBFS)
Single carrier, baseband, CLKIN = 983.04 MHz
80
83
Single carrier, IF = 180 MHz, CLKIN = 983.04 MHz
73
ACLR(4)
Adjacent channel leakage ratio
dBc
Four carrier, IF = 180 MHz, CLKIN = 983.04 MHz
68
Four carrier, IF = 275 MHz, CLKIN = 983.04 MHz
66
50-MHz offset, 1-MHz BW, Single Carrier, baseband,
93
CLKIN = 983.04
Noise floor(5)
dBc
50-MHz offset, 1-MHz BW, Four Carrier, baseband,
85
CLKIN = 983.04
(1)
Measured single-ended into 50
Ω load.
(2)
IOUT current settling to 1% of IOUTFS. Measured from SDENB rising edge; Register 0x06, toggle Bit 4 from 1 to 0.
(3)
IOUT current settling to less than 1% of IOUTFS. Measured from SDENB rising edge; Register 0x06, toggle Bit 4 from 0 to 1.
(4)
W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
(5)
Carrier power measured in 3.84 MHz BW.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5681


Podobny numer części - DAC5681IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681ZIRGCR TI1-DAC5681ZIRGCR Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCT TI-DAC5681ZIRGCT Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Podobny opis - DAC5681IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com