Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54596-0410 Arkusz danych(PDF) 1 Page - MolexKits

Numer części 54596-0410
Szczegółowy opis  IDT Panel Mount Adaptor and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEXKITS [MolexKits]
Strona internetowa  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54596-0410 Arkusz danych(HTML) 1 Page - MolexKits

  54596-0410 Datasheet HTML 1Page - MolexKits 54596-0410 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0136
Specifications
Product Highlights
Wire size:
100 Volts
28-26 AWG
Pitch:
Connector Type:
IDT Receptacles and Adaptors
Manufacturer:
Country of Origin:
Mini Mi II™
Certificates:
IDT Panel Mount Adaptor and Receptacle
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Title:
Mini Mi II Connector Kit
General Information
Molex / Waldom
Wire-to-Wire
1.25mm (.049")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0136
Mini Mi II™ wire harness system is designed for high-density harness applications.
Mini Mi II provides the same 1.5 amperes of current as similar 2.00mm (.079") pitch
systems, but in a more compact design. Molex's Integrated Product Division
provides the new Mini MiII system in both wire-to-board and wire-to-wire options
with different custom lengths and wire configurations enabling multi-branch
harnessing configurations, similar to Molex's existing 2.00mm (.079") pitch MiII
system. The system saves about 45% of PCB space compared to 2.00mm MiII.
Mini MiII is available in 2 to 40 circuits in single/dual row and SMT/through-hole
styles.
Voltage:
2, 4, 8, 14, 18 and 20
Current Rating:
1.5 Amps
Circuit Sizes:
Features and Benefits
Applications
• Security devices
• Car audio, car multimedia, car HVAC
• Office equipment
• Set-up boxes
• 1.5 amps meets office automation
standards
• Internal positive lock for secure retention
• IDT housing for cost effective termination
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Podobny numer części - 54596-0410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
54596-0410 MOLEXKITS-54596-0410 Datasheet
43Kb / 2P
   IDT Through Hole Vertical Header and Receptacle
54596-0410 MOLEXKITS-54596-0410 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
54596-0410 MOLEXKITS-54596-0410 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
logo
Molex Electronics Ltd.
54596-0410 MOLEX7-54596-0410 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
More results

Podobny opis - 54596-0410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
logo
M-System Co.,Ltd.
A74 MSYSTEM-A74 Datasheet
24Kb / 2P
   PANEL MOUNT ADAPTOR
A75 MSYSTEM-A75 Datasheet
26Kb / 2P
   PANEL MOUNT ADAPTOR
A73 MSYSTEM-A73 Datasheet
23Kb / 1P
   PANEL MOUNT ADAPTOR
logo
MolexKits
76650-0014 MOLEXKITS-76650-0014 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
76650-0157 MOLEXKITS-76650-0157 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
76650-0063 MOLEXKITS-76650-0063 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
76650-0067 MOLEXKITS-76650-0067 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
logo
Rosenberger Hochfrequen...
05K421-K00S3 ROSENBERGER-05K421-K00S3 Datasheet
49Kb / 2P
   PANEL ADAPTOR JACK
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com