Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62C17IRGCR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62C17IRGCR
Szczegółowy opis  Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62C17IRGCR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS62C17IRGCR Datasheet HTML 4Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 5Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 6Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 7Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 8Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 9Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 10Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 11Page - Texas Instruments ADS62C17IRGCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
DIGITAL CHARACTERISTICS — ADS62C17
GND
GND
Logic0
V
=-350mV*
ODL
Logic1
V
=+350mV*
ODH
VOCM
DAnP /DBnP
DAnM/DBnM
*Withexternal100
termination
W
ADS62C17
SLAS631A – APRIL 2009 – REVISED JULY 2009 ............................................................................................................................................................. www.ti.com
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 3.3V, DRVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS – CTRL1, CTRL2, CTRL3, RESET, SCLK, SDATA, SEN (1)
High-level input voltage
1.3
All digital inputs support 1.8 V and 3.3 V CMOS
V
logic levels.
Low-level input voltage
0.4
SDATA, SCLK(2)
VHIGH = 3.3 V
16
High-level input current
µA
SEN(3)
VHIGH = 3.3 V
10
SDATA, SCLK
VLOW = 0 V
0
Low-level input current
µA
SEN
VLOW = 0 V
–20
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS INTERFACE (DA0-DA10, DB0-DB10, CLKOUT, SDOUT)
Ioh = 1mA
DRVDD – DRVDD
High-level output voltage
V
0.1
Low-level output voltage
Iol = 1mA
0
0.1
V
Output capacitance (internal to device)
2
pF
DIGITAL OUTPUTS – LVDS INTERFACE (DA0P/M TO DA10P/M, DB0P/M TO DB10P/M, CLKOUTP/M)
VODH, High-level output differential voltage
With external 100
Ω termination
+275
+350
+425
mV
VODL, Low-level output differential voltage
With external 100
Ω termination.
–425
–350
–275
mV
VOCM, Output common-mode voltage
1.0
1.15
1.40
V
Capacitance inside the device from each output
2
pF
Output Capacitance
to ground
(1)
SCLK, SDATA, SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 200 k
Ω pull-down resistor
(3)
SEN has internal 100 k
Ω pull-up resistor to AVDD.
Figure 2. LVDS Output Voltage Levels
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62C17


Podobny numer części - ADS62C17IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62C17IRGCR TI-ADS62C17IRGCR Datasheet
3Mb / 67P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
More results

Podobny opis - ADS62C17IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62C17 TI-ADS62C17_1 Datasheet
3Mb / 67P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com