Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL346ACCZ Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL346ACCZ
Szczegółowy opis  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power DIgital Accelerometer
Pobierz  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Ultralow Power Digital Accelerometer
ADXL346
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power: as low as 23 μA in measurement mode and
0.2 μA in standby mode at VS = 2.6 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution
Fixed 10-bit resolution
Full resolution, where resolution increases with g range,
up to 13-bit resolution at ±16 g (maintaining 4 mg/LSB
scale factor in all g ranges)
Patent pending, embedded memory management system
with FIFO technology minimizes host processor load
Single-tap/double-tap detection
Activity/inactivity monitoring
Free-fall detection
Concurrent four- and six-position orientation detection
Supply and I/O voltage range: 1.7 V to 2.75 V
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
Wide temperature range (−40°C to +85°C)
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 3 mm × 0.95 mm LGA package
APPLICATIONS
Handsets
Medical instrumentation
Gaming and pointing devices
Industrial instrumentation
Personal navigation devices
Hard disk drive (HDD) protection
GENERAL DESCRIPTION
The ADXL346 is a small, thin, ultralow power, 3-axis accelerometer
with high resolution (13-bit) measurement at up to ±16 g. Digital
output data is formatted as 16-bit twos complement and is acces-
sible through either an SPI (3- or 4-wire) or I2C® digital interface.
The ADXL346 is well suited for mobile device applications. It
measures the static acceleration of gravity in tilt-sensing appli-
cations, as well as dynamic acceleration resulting from motion
or shock. Its high resolution (4 mg/LSB) enables measurement
of inclination changes of less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion by
comparing the acceleration on any axis with user-set thresholds.
Tap sensing detects single and double taps in any direction. Free-
fall sensing detects if the device is falling. Orientation detection
is capable of concurrent four- and six-position sensing and a
user-selectable interrupt on orientation change for 2D or 3D
applications. These functions can be mapped individually to
either of two interrupt output pins. An integrated, patent pending
memory management system with 32-level first in, first out (FIFO)
buffer can be used to store data to minimize host processor activity
and lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL346 is supplied in a small, thin, 3 mm × 3 mm ×
0.95 mm, 16-lead, plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL346
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32-LEVEL
FIFO
CS
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl